Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 645 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 645 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 641Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 642Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 643Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 644Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 645Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 646Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 647Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 648Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 649Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 645 / 1386 page
background image
Timers
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
18-7
18.2.5
Timer Capture Registers (TCR1–TCR4)
Each timer capture register (TCR1–TCR4), shown in Figure 18-7, is used to latch the value of the counter
according to TMRx[CE].
18.2.6
Timer Counters (TCN1–TCN4)
Each timer counter register (TCN1–TCN4), shown in Figure 18-8, is an up-counter. A read cycle to TCNx
yields the current value of the timer but does not affect the counting operation. A write cycle to TCNx sets
the register to the written value, thus causing its corresponding prescaler, TMRx[PS], to be reset.
Note that the counter registers may not be updated correctly if a write is made while the timer is not
running. Use TRRx to define the preferred count value.
18.2.7
Timer Event Registers (TER1–TER4)
Each timer event register (TERx), shown in Figure 18-9, reports events recognized by the timers. When
an output reference event is recognized, the timer sets TERx[REF] regardless of the corresponding
TMRx[ORI]. The capture event is set only if it is enabled by TMRx[CE]. TER1–TER4 can be read at any
time.
0
15
Field
Timeout reference value
Reset
0xFFFF
R/W
R/W
Addr
0x10D94 (TRR1), 0x10D96 (TRR2), 0x10DA4 (TRR3), 0x10DA6 (TRR4)
Figure 18-6. Timer Reference Registers (TRR1–TRR4)
0
15
Field
Latched counter value
Reset
0x0000
R/W
R/W
Addr
0x10D98 (TCR1), 0x10D9A (TCR2), 0x10DA8 (TCR3), 0x10DAA (TCR4)
Figure 18-7. Timer Capture Registers (TCR1–TCR4)
0
15
Field
Up counter
Reset
0x0000
R/W
R/W
Addr
0x10D9C (TCN1), 0x10D9E (TCN2), 0x10DAC (TCN3), 0x10DAE (TCN4)
Figure 18-8. Timer Counter Registers (TCN1–TCN4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com