Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 649 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 649 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 645Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 646Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 647Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 648Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 649Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 650Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 651Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 652Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 653Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 649 / 1386 page
background image
SDMA Channels and IDMA Emulation
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
19-3
Figure 19-2. SDMA Bus Arbitration (Transaction Steal)
19.2
SDMA Registers
The only user-accessible registers associated with the SDMA are the SDMA address registers, read-only
register used for diagnostics in case of an SDMA bus error, the SDMA status register and the SDMA mask
register.
19.2.1
SDMA Status Register (SDSR)
The SDMA status register (SDSR), seen in Figure 19-3, reports bus error events recognized by the SDMA
controller for all 26 SDMA channels and 4 IDMA channels. On recognition of a bus error on the local or
60x buses, the SDMA sets its corresponding SDSR bit. The SDSR is a memory-mapped register that can
be read at any time. Bits are cleared by writing ones to them; writing zeros has no effect.
Table 19-1 describes SDSR fields.
0
567
Field
—
SBER_L
SBER_P
Reset
0000_0000
Addr
0x11018
Figure 19-3. SDMA Status Register (SDSR)
Table 19-1. SDSR Field Descriptions
Bits
Name
Description
0–5
—
Reserved, should be cleared.
6
SBER_L SDMA channel local bus error. Indicates that the SDMA channel on the local bus had terminated
with an error during a read or write transaction. This bit is cleared writing a 1; writing a zero has no
effect. The SDMA transfer error address can be read from LDTEA, and the channel number from
LDTEM. Assertion of SBER_L causes the value inside LDTEA to stop updating. See Section 18.2.3,
“SDMA Transfer Error Address Registers (PDTEA and LDTEA).
7
SBER_P SDMA channel 60x bus error. Indicates that the SDMA channel on the 60x bus had terminated with
an error during a read or write transaction. This bit is cleared writing a 1; writing a zero has no effect.
The SDMA transfer error address is read from PDTEA. The channel number is read from PDTEM.
CLK
TS
TA
SDMA Internally
Requests the Bus
Other Transaction
SDMA Transaction
Other Transaction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com