Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 651 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 651 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 647Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 648Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 649Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 650Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 651Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 652Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 653Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 654Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 655Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 651 / 1386 page
background image
SDMA Channels and IDMA Emulation
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
19-5
19.3
IDMA Emulation
The CPM can be configured to provide general-purpose DMA functionality through the SDMA channel.
Four general-purpose independent DMA (IDMA) channels are supported. In this special emulation mode,
the user can specify any memory-to-memory or peripheral-to/from-memory transfers as if using dedicated
DMA hardware.
The general-purpose IDMA channels can operate in different user-programmable data transfer modes. The
IDMA can transfer data between any combination of memory and I/O. In addition, data may be transferred
in either byte, half-word, word, double-word or burst quantities (note that IDMA cannot burst to or from
the dual-port RAM) and the source and destination addresses may be odd or even. The most efficient
packing algorithms are used in the IDMA transfers; however, anytime the IDMA has 0x10 or more bytes
to transfer, it will burst. The single-address mode (fly-by mode) gives the highest performance, allowing
data to be transferred between memory and a peripheral in a single bus transaction. The chip-select and
wait-state generation logic on the MPC8280 can be used with the IDMA.
The bus bandwidth occupied by the IDMA can be programmed in the IDMA parameter RAM to achieve
maximum system performance.
The IDMA supports two buffer handling modes—auto buffer and buffer chaining. The auto buffer mode
allows blocks of data to be repeatedly moved from one location to another without user intervention. The
buffer chaining mode allows a chain of blocks to be moved. The user specifies the data movement using
BD tables like those used by other peripheral controllers. The BD tables reside in the dual-port RAM.
Each IDMA has three signals (DREQx, DACKx and DONEx) for peripheral handshaking.
19.4
IDMA Features
The main IDMA features are as follows:
•
Four independent, fully programmable DMA channels
•
Dual- or single-address transfers with 32-bit address and 64-bit data capability
•
Memory-to-memory, memory-to-peripheral, and peripheral-to-memory modes
Table 19-2. PDTEM and LDTEM Field Descriptions
Bits1
1 Bit ranges are for .29µm (HiP3) Rev B.3, C.2 and .25µm (HiP4) devices. For .29µm Rev A.1 devices, refer to notes 2–4.
Name
Description
0–1
—2
2 On .29µm Rev A.1 devices, [6–7].
Reserved, should be cleared.
2–6
MSNUM[2–6]3
3 On .29µm Rev A.1 devices, MSNUM[0–4].
Bits 2–63 of MSNUM is the sub-block code of the current peripheral controller accessing the bus.
See the SBC field description of the CPCR in Section 14.4.1, “CP Command Register (CPCR).”
7
MSNUM[7]4
4 On .29µm Rev A.1 devices, MSNUM[5].
Bit 74 of MSNUM indicates which section of the peripheral controller is accessing the bus.
0Transmit section
1 Receive section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com