Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 655 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 655 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 651Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 652Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 653Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 654Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 655Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 656Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 657Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 658Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 659Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 655 / 1386 page
background image
SDMA Channels and IDMA Emulation
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
19-9
19.5.1.2
Normal Mode
When external request mode is not selected (DCM[ERM] = 0), the IDMA channel operates automatically,
ignoring DREQ.
19.5.1.3
Working with a PCI Bus
When working to/from the PCI bus (multiplexed with the local bus), the data usually comes on the bus in
one long burst. The alignment policy described above to support 60x/local bus bursts does not affect its
efficiency.
19.5.2
Memory to/from Peripheral Transfers
Working with peripheral devices requires the external signals DONE, DREQ, DACK to control the data
transfer using the following rules:
•
The peripheral sets a request for data to be read-from/write-to by asserting DREQ as configured,
falling or rising edge sensitive.
•
The peripheral transfers/samples the data when DACK is asserted.
•
The peripheral asserts DONE to stop the current transfer.
•
The peripheral terminates the current transfer when DONE is asserted, combined with DACK, by
the IDMA.
Peripherals are usually accessed with fixed port-size transfers. The transfer sizes (STS/DTS) related to the
peripheral must be programmed to its port size; thus, every access to a peripheral yields a single bus
transaction. The maximum peripheral port size is (bus_width - 8) bytes and also should evenly divide the
buffer length, BD[Data Length].
A peripheral can also be configured to accept a burst per DREQ assertion. In this case, the transfer size
parameter should be initialized to 32, and the accesses are made in bursts. See Table 19-8.
A peripheral can be accessed at a fixed address location or at incremental addresses. Setting DCM[SINC,
DINC] in the DMA channel mode register causes the address to be incremented before the next transfer;
see Section 19.8.2.1, “DMA Channel Mode (DCM).” This allows the IDMA to access a FIFO buffer the
same way it does peripherals.
DCM[S/D] determines whether the peripheral is the source or destination.
Data can be transferred between a peripheral and memory in single- or dual-address accesses:
•
For dual-address accesses, the data is read from the source, temporarily stored in the IDMA
transfer buffer in the dual-port RAM, and then written to the destination.
•
For single-address accesses (fly-by mode), the data is transferred directly between memory and the
peripheral. Memory responds to the address phase, while the peripheral ignores it and responds to
DACK assertions.
Any IDMA access to a peripheral uses the highest arbitration priority allowed for the DMA, providing
faster bus access by bypassing other pending DMA requests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com