Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 657 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 657 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 653Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 654Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 655Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 656Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 657Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 658Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 659Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 660Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 661Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 657 / 1386 page
background image
SDMA Channels and IDMA Emulation
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
19-11
stopped, its BD is closed, and the IDSR[EDN] or IDSR[SC] event bits are set; see Section 19.8.4, “IDMA
Event Register (IDSR) and Mask Register (IDMR).”
In fly-by mode, a peripheral can be configured to handle a burst per DREQ assertion if STS is programmed
to 32. The first phase of the transfer aligns the data to the burst boundary so that subsequent accesses can
be performed in bursts.
19.5.2.2.1
Peripheral-to-Memory Fly-By Transfers
During peripheral-to-memory fly-by transfers, the IDMA controller writes to memory while
simultaneously asserting DACK. The constant assertion of DACK enables the controller to write to
memory as soon as the peripheral outputs data to the bus. Thus, data is transferred from a peripheral to
memory in one data phase instead of two, increasing throughput.
For proper operation, STS must equal the peripheral port size.
19.5.2.2.2
Memory-to-Peripheral Fly-By Transfers
During memory-to-peripheral fly-by transfers, the IDMA controller reads from memory while
simultaneously asserting DACK.
The constant assertion of DACK enables the controller to read from memory as soon as the peripheral
samples the data bus. Thus, data is transferred from memory to a peripheral in one data phase instead of
two, increasing throughput.
For proper operation, DTS must equal the peripheral port size.
19.5.3
Controlling 60x Bus Bandwidth
STS, DTS, and SS_MAX can be used to control the 60x bus bandwidth occupied by the IDMA channel.
In every mode except fly-by mode, at least one transfer size parameter (STS/DTS) must be initialized to
the SS_MAX value. For memory-to-memory transfers, the other transfer size parameter can be initialized
to a smaller value used to control the 60x bus bandwidth. For example, if the transfer size is N*32 bytes,
each time the DMA controller wins arbitration, it transfers N bursts before releasing the bus. When
SS_MAX bytes have been transferred, the controller reverts to single transactions (double-word, word,
half-word, or byte).
Memory-to-memory transfer sizes must evenly divide into SS_MAX and also be a multiple of 32 (for
bursting); see Table 19-7.
The size of the IDMA transfer buffer in the dual-port RAM should be determined by the largest transfer
(usually SS_MAX + 32 bytes) needed by one of the buses, while the other transfer size can be programmed
to control the bandwidth of the other bus.
Summarizing the above, a larger DMA transfer size provides for greater microcode efficiency and lower
DMA bus latency, because the DMA controller does not release the 60x bus until the transfer is completed.
If the DMA priority on the 60x bus is high, however, other 60x masters may experience a high bus latency.
Conversely, if the transfer size is small, the DMA requests the 60x bus more often, DMA latency increases
and microcode efficiency decreases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com