Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 660 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 660 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 656Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 657Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 658Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 659Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 660Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 661Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 662Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 663Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 664Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 660 / 1386 page
background image
SDMA Channels and IDMA Emulation
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
19-14
Freescale Semiconductor
19.7.1.1
Level-Sensitive Mode
For external devices requiring very high data transfer rates, level-sensitive mode allows the IDMA to use
a maximum bandwidth to service the device. The device requests service by asserting DREQx and leaving
it asserted as long as it needs service. This mode is selected by setting the corresponding RCCR[DRxM].
The IDMA asserts DACK each time it issues a bus transaction to either read or write the peripheral. The
peripheral must use TA and TEA for data validation. DACK is the acknowledgment of the original burst
request given on DREQx. DREQx should be negated during the DACK active period to ensure that no
further transactions are performed.
19.7.1.2
Edge-Sensitive Mode
For external devices that generate a pulsed signal for each operand to be transferred, edge-sensitive mode
should be used. In edge-sensitive mode, the IDMA controller moves one operand for each falling/rising
(as configured by RCCR[EDMx]) edge of DREQx. This mode is selected by clearing the corresponding
RCCR[DRxM] and programming the corresponding RCCR[EDMx] to the proper edge.
When the IDMA controller detects a valid edge on DREQx, a request becomes pending and remains
pending until it is serviced by the IDMA. Subsequent changes on DREQx are ignored until the request
begins to be serviced. The servicing of the request results in one operand being transferred. Each time the
IDMA issues a bus transaction to either read or write the device, the IDMA asserts DACK. The device
must use TA and TEA for data validation. Thus, DACK is the acknowledgment of the original transaction
request given on DREQx.
19.7.2
DONE
x
This bidirectional open-drain signal is used to indicate the last IDMA transfer. DONE can be an output of
the IDMA in the source or destination bus transaction if the transfer count is exhausted. This function is
controlled by BD[SDN, DDN].
DONE can also operate as an input. When operating in external request modes, DONE may be used as an
input to the IDMA controller to indicate that the device being serviced requires no more transfers. In that
case, the transfer is terminated, the current BD is closed, and an interrupt is generated (if enabled).
NOTE
DONE is ignored if it is asserted externally during internal request mode
(DCM[ERM] = 0).
DONE must not be asserted externally during memory-to-memory transfers
if external request mode is enabled (DCM[ERM] = 1).
19.8
IDMA Operation
Every IDMA operation involves the following steps—IDMA channel initialization, data transfer, and
block termination.
•
During initialization, the core initializes the IDMA_BASE register in the internal parameter RAM
to point to the IDMA-specific table in RAM. This table contains control information for the IDMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com