Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 663 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 663 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 659Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 660Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 661Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 662Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 663Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 664Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 665Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 666Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 667Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 663 / 1386 page
background image
SDMA Channels and IDMA Emulation
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
19-17
0x0C
DPR_IN_PTR
Hword Write pointer inside the internal buffer.
0x0E
STS
Hword Source transfer size in bytes. All transfers from the source (except the start
alignment and the end) are written to the bus using this parameter.
In memory-to-peripheral mode, STS should be initialized to SS_MAX.
In peripheral-to-memory mode, STS should be initialized to the peripheral port
size or peripheral transfer size (if the peripheral accepts bursts). See Table 19-8
for valid STS values for peripherals.
In fly-by mode, STS is initialized to the peripheral port size.
In memory-to-memory mode:
• STS should be initialized to SS_MAX.
• DTS value should be initialized to SS_MAX. STS can be initialized to values
other than SS_MAX in the following conditions:
– STS must divide SS_MAX.
– STS must be divided by 32 to enable bursts during the steady-state phase.
• See Table 19-7 for memory-to-memory valid STS values.
0x10
DPR_OUT_PTR Hword Read pointer inside the internal buffer.
0x12
SEOB
Hword Source end of burst. Used for alignment of the first read burst.
0x14
DEOB
Hword Destination end of burst. Used for alignment of the first write burst.
0x16
DTS
Hword Destination transfer size in bytes. All transfers to destination (except the start
alignment and the tail) are written to the bus using this parameter.
In peripheral-to-memory mode, DTS should equal SS_MAX.
In memory-to-peripheral modes, initialize DTS to the peripheral port size if
transfer’s destination is a peripheral. Valid sizes for peripheral destination is 1,
2, 4, and 8 bytes, or peripheral transfer size (if the peripheral accepts bursts).
See Table 19-8. for valid STS values for peripherals.
In fly-by mode, DTS is initialized to the peripheral port size.
• In memory-to-memory mode:
• DTS value is initialized to SS_MAX.
• STS value is initialized to SS_MAX. DTS can be initialized to values other
than SS_MAX in the following conditions:
– DTS must divide SS_MAX.
– DTS must be divided by 32, to enable bursts in steady-state phase.
• See Table 19-8. for valid memory-to-memory DTS values.
0x18
RET_ADD
Hword Used to save return address when working in ERM = 1 mode.
0x1A
—
Hword Reserved, should be cleared.
0x1C
BD_CNT
Word
Internal byte count.
0x20
S_PTR
Word
Source internal data pointer.
0x24
D_PTR
Word
Destination internal data pointer.
0x28
ISTATE
Word
Internal. Should be cleared before every START_IDMA command.
1 From the pointer value programmed in IDMAx_BASE: IDMA1_BASE at 0x87FE, IDMA2_BASE at 0x88FE,
IDMA3_BASE at 0x89FE, and IDMA4_BASE at 0x8AFE; see Section 14.5.2, “Parameter RAM.”
Table 19-4. IDMA
x Parameter RAM (continued)
Offset 1
Name
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com