Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 665 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 665 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 661Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 662Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 663Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 664Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 665Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 666Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 667Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 668Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 669Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 665 / 1386 page
background image
SDMA Channels and IDMA Emulation
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
19-19
10
SINC
Source increment address.
0 Source address pointer (S_PTR) is not incremented in the source read transaction. Should
be cleared for peripheral-to-memory transfers if the peripheral has a fixed address.
1 CP increments the source address pointer (S_PTR) with the number of bytes transferred in
the source read transaction. Used for memory-to-memory and memory-to-peripheral
transfers.
In fly-by mode, SINC controls the memory address increment and should equal DINC.
11
DINC
Destination increment address.
0 Destination address pointer (D_PTR) is not changed in the destination write transaction.
Used for memory-to-peripheral transfers if the peripheral has a fixed address.
1 CP increments the destination pointer (D_PTR) with the number of bytes transferred in the
destination write transaction. Used for memory-to-memory and memory-to-peripheral
transfers.
In fly-by mode, DINC should equal SINC.
12
ERM
External request mode.
0 The CP transfers continuously, as if an external level request is asserted, regardless of the
DREQ signal assertion. The CP stops the transfer when there are no more valid BDs or after
a STOP_IDMA command is issued. DONE assertion by a external device is ignored.
1 The CP responds to DREQ as configured (edge/level) by performing single- or dual-address
transfers. The CP also responds to DONE assertions.
Note: Memory-to-memory transfers (S/D=00) with external request (ERM=1) is allowed, but
DONE assertion is not supported in this mode (DONE should be disabled).
13
DT
DONE treatment:
0 After external DONE assertion, the IDMA ignores further DREQ assertions. The CP closes
the current BD and IDMA stops. START_IDMA command should be issued before assertion of
another DREQ.
1 After external DONE assertion, the CP closes the current BD. The IDMA continues to the
next BD when DREQ is asserted.
14–1
5
S/D
Source/destination is a peripheral device or memory. See Table 19-6..
00 Read from memory, write to memory.
10 Read from peripheral, write to memory.
01 Read from memory, write to peripheral.
11 Reserved
When a device is a peripheral:
•DACK is asserted during transfers to/from it.
• It may assert DONE to terminate all accesses to/from it.
• It can be operated in fly-by mode—respond to DACK ignoring the address.
• It gets highest DMA priority on the bus arbiter and the lowest DMA latency available.
Table 19-5. DCM Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com