Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 668 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 668 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 664Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 665Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 666Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 667Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 668Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 669Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 670Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 671Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 672Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 668 / 1386 page
background image
SDMA Channels and IDMA Emulation
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
19-22
Freescale Semiconductor
19.8.3
IDMA Performance
The transfer parameters STS, DTS, SS_MAX, and DMA_WRAP determine the amount of data transferred
for each START_IDMA command issued. Using large internal IDMA transfer buffers and the maximum
transfer sizes allows longer transfers to memory devices, optimizes bus usage and thus reduces the overall
load on the CP.
For example, 2,016 bytes can be transferred by issuing one START_IDMA command using a 2-Kbyte
internal transfer buffer, or by issuing 63 START_IDMA commands using a 64-byte buffer. The load on the
CP in the second case is about 63 times more than the first.
19.8.4
IDMA Event Register (IDSR) and Mask Register (IDMR)
The IDMA event (status) register (IDSR) is used to report events recognized by the IDMA controller. On
recognition of an event, the controller sets the corresponding IDSR bit. Each IDMA event bit can generate
a maskable interrupt to the core. Even bits are cleared by writing ones; writing zeros has no effect.
The IDMA mask register (IDMR) has the same format as IDSR. Setting IDMR bits enables, and clearing
IDMR bits disables, the corresponding interrupts in the event register.
011
512
15 * 32
01
15 * 32
1, 2, 4, 8 (single); 32
(burst)
10
1, 2, 4, 8 (single); 32
(burst)
15 * 32
100
1024
31 * 32
01
31 * 32
1, 2, 4, 8 (single); 32
(burst)
10
1, 2, 4, 8 (single); 32
(burst)
31 * 32
101
2048
63 * 32
01
63 * 32
1, 2, 4, 8 (single); 32
(burst)
10
1, 2, 4, 8 (single); 32
(burst)
63 * 32
1These values come out as a single transaction on the bus.
2Peripherals that can accept bursts of 32 bytes are supported.
Table 19-8. Valid STS/DTS Values for Peripherals (continued)
DMA_WRAP
Internal Buffer Size SS_MAX
S/D Mode
STS (in Bytes)
DTS (in Bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com