Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 669 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 669 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 665Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 666Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 667Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 668Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 669Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 670Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 671Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 672Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 673Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 669 / 1386 page
background image
SDMA Channels and IDMA Emulation
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
19-23
Figure 19-9 shows the bit format for IDSR and IDMR.
Table 19-9 describes IDSR/IDMR fields.
19.8.5
IDMA BDs
Source addresses, destination addresses, and byte counts are presented to the CP using the special IDMA
BDs. The CP reads the BDs, programs the SDMA channel, and notifies the core about the completion of
a buffer transfer using the IDMA BDs. This concept is similar to the one used for the serial controllers on
the MPC8280 except that the BD is larger because it contains additional information.
0
34567
Field
—
SC
OB
EDN
BC
Reset
0000_0000
R/W
R
R/W
Addr
0x11020 (IDSR1), 0x11028 (IDSR2), 0x11030 (IDSR3), 0x11038 (IDSR4)/
0x11024 (IDMR1), 0x1102C (IDMR2), 0x11034 (IDMR3), 0x1103C (IDMR4)
Figure 19-9. IDMA Event/Mask Registers (IDSR/IDMR)
Table 19-9. IDSR/IDMR Field Descriptions
Bits
Name
Description
0–3
—
Reserved, should be cleared.
4
SC
Stop completed. Set after the IDMA channel completes processing the STOP_IDMA command. Do
not change channel parameters until SC is set.
5
OB
Out of buffers. Set to indicate that the IDMA channel encountered no valid BDs for the transfer.
6
EDN
External DONE was asserted by device. Set to indicate that the IDMA channel terminated a transfer
because DONE was asserted by an external device, on the former SDMA transaction.
7
BC
BD completed. Set only after all data of a BD whose I (interrupt) bit is set has completed transfer to
the destination.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Offset + 0
V
—
WI
L
—
CM
—
SDN DDN DGBL
DBO
—
DDTB
Offset + 2
—
SGBL
SBO
—
SDTB
—
Offset + 4
Data Length
Offset + 6
Offset + 8
Source Data Buffer Pointer
Offset + A
Offset + C
Destination Data Buffer Pointer
Offset + E
Figure 19-10. IDMA BD Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com