Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 671 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 671 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 667Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 668Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 669Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 670Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 671Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 672Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 673Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 674Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 675Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 671 / 1386 page
background image
SDMA Channels and IDMA Emulation
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
19-25
10
DDN
Destination done
0DONE is inactive during this BD.
1 The IDMA asserts DONE at the last write data phase of the BD.
In fly-by mode (DCM[FB] = 1), DDN should be same as SDN.
11
DGBL
Destination global
0 Snooping is not activated.
1 Snooping is activated for write transactions to the destination.
In fly-by mode, should be the same as SGBL.
12-13
DBO
Destination byte ordering:
01 Munged little Endian.
1x Big endian (Freescale).
00 Reserved
In fly-by mode, should be the same as SBO.
14
—
Reserved, should be cleared.
15
DDTB
Destination data bus.
0 The destination address lies within the 60x bus.
1 The destination address lies within the local bus.
In fly-by mode, should be the same as SDTB.
0x02
0-1
—
Reserved, should be cleared.
2
SGBL
Source global
0 Snooping is not activated.
1 Snooping is activated for read transactions from the source.
In fly-by mode, should be the same as DGBL.
3-4
SBO
Source byte ordering:
01 Munged little endian
1x Big endian (Freescale)
00 Reserved
In fly-by mode, should be the same as DBO.
5
—
Reserved, should be cleared.
6
SDTB
Source data bus.
0 The source address lies within the 60x bus.
1 The source address lies within the local or PCI buses.
In fly-by mode, should be the same as DDTB.
7-15
—
Reserved, should be cleared.
0x04
0–31
Data
Length
Number of bytes the IDMA transfers. Should be programmed to a value greater than
zero.
Note: When operating with a peripheral that accepts only single bus transactions
(transfer size < 32), data length should be a multiple of the peripheral transfer size
(STS for S/D = 10, or DTS for S/D = 01). Also, there is no error notification if the
data length does not match the buffer sizes.
Table 19-10. IDMA BD Field Descriptions (continued)
Offset
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com