Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 675 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 675 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 671Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 672Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 673Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 674Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 675Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 676Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 677Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 678Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 679Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 675 / 1386 page
background image
SDMA Channels and IDMA Emulation
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
19-29
Table 19-14 describes parallel I/O register programming for port D (optional).
19.12 IDMA Programming Examples
These programming examples demonstrate the use of most of the different modes and configurations of
the IDMA channels.
19.12.1 Peripheral-to-Memory Mode (60x Bus to Local Bus)—IDMA2
In the example in Table 19-15, the IDMA2 channel reads 8 bytes per DREQ assertion from a fixed address
peripheral located on the 60x bus into the internal buffer. When there is enough data in the internal buffer,
it writes one burst to the memory located on the local bus. The internal buffer size is set to 64 bytes to
handle maximum transfer of a single burst. The IDMA2 channel asserts DONE on the last read transfer of
the last BD to notify the peripheral that there is no data left to transfer.
Table 19-14. Parallel I/O Register Programming—Port D
Channel
Signal
Pin
PPARD
PDIRD
PODRD
PSORD
Default
IDMA1
DACK1 (O)
PD[6]
1101
—
DONE1 (I/O)
PD[5]
1011
VDD
Table 19-15. Example: Peripheral-to-Memory Mode—IDMA2
Important Init Values
Description
DCM(FB) = 0
Not in fly-by mode.
DCM(LP) = 0
Transfers to memory have middle CPM request priority. The destination bus is not
overloaded.
DCM(DMA_WRAP) =
000
The internal buffer is 64 bytes long to support 32-byte transfers to memory on the
destination bus (one 60x burst) on steady-state of work.
DCM(ERM) = 1
Transfers from peripheral are initiated by DREQ. DONE assertion is supported.
DCM(DT) = 0
Assertion of DONE by the peripheral causes the transfer to be terminated, after writing all
the data in the internal buffer to memory, interrupt EDN is set to the core, IDMA channel is
stopped. additional DREQ assertions are ignored, until START_IDMA command is issued.
DCM(S/D) = 10
Peripheral-to-memory mode. DONE DREQ and DACK are connected to the peripheral.
DCM(SINC) = 0
The peripheral address are not incremented after transfers, fixed location.
DCM(DINC) = 1
The memory address is incremented after every transfer.
DPR_BUF = 0x0DC0
Initiated to address aligned to 64 (bit[5–0]= 00000).
IBASE = IBDPTR =
0x0030
The current BD pointer is set to the BD table base address (aligned 16 -bits[3–0] = 0).
STS = 8 (0x0008)
Transfers from peripheral are always single 8-byte accesses.
DTS = 32 (0x0020)
Transfers to memory are 32 bytes long (60x bursts) on steady-state of work.
Every BD(SDTB) = 0
Peripheral is on the 60x bus.
Every BD(DDTB) = 1
Memory is on the local bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com