Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 676 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 676 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 672Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 673Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 674Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 675Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 676Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 677Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 678Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 679Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 680Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 676 / 1386 page
background image
SDMA Channels and IDMA Emulation
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
19-30
Freescale Semiconductor
19.12.2 Memory-to-Peripheral Fly-By Mode—IDMA3
In the example in Table 19-16, IDMA3 transfers data from a memory device to a 4-byte wide peripheral,
both on the 60x bus. The transfers are made by issuing 4-byte read transactions to the memory and
asserting DACK so the peripheral samples the data from the bus directly. No address is dedicated for the
peripheral, and no internal buffer is defined in this mode. The IDMA3 channel asserts DONE on the last
read transfer of the last BD to notify the peripheral that there is no data left to transfer.
Last BD(SDN) = 1
DONE is asserted on the last transfer from peripheral.
Last BD(DDN) = 0
DONE is not asserted on the last transfer to memory.
Every BD(DL) = k*STS
Data length must be STS modular (divided by STS without residue).
IDMR2 = 0x0300_0000
IDMA2 Mask register is programmed to enable EDN and BC interrupts only.
SIMR_L = 0x0000_0200
Interrupt controller is programmed to enable interrupts from IDMA2.
PDIRC = 0x1000_0000
PPARC = 0x7000_0000
PSORC = 0x3000_0000
PODRC = 0x2000_0000
Parallel I/O registers are programmed to enable:PC[1] = DREQ2; PC[3] = DACK2; PC[2] =
DONE2.
The peripheral signals are to be connected to these lines accordingly.
RCCR = 0x0000_0000
IDMA2 configuration: DREQ is edge low-to-high. DONE is high-to-low. Request priority is
higher than the SCCs.
88FE = 0x0300
IDMA2_BASE points to 0x0300 where the parameter table base address is located for
IDMA2.
CPCR = 0x22A1_0009
START
_IDMA command. IDMA2 page-01000 SBC-10101 op-1001 FLG=1.This write starts
the channel operation.
DMA operation description:
START
_IDMA: Initialize all parameter RAM values, wait for DREQ to open the first BD. The four first DREQs trigger
single, 8-byte read transactions from the peripheral until data in the internal buffer is 32 bytes long. Then, a write
transaction to memory is done with the size needed for alignment.
Steady state: Every DREQ assertion triggers a read transaction of 8 bytes from the peripheral. If the data in the internal
buffer is more than 31 bytes a write transaction to memory of 32 bytes (one local burst) follows immediately. Memory
address is incremented constantly. Last read transaction of the last BD from the peripheral is combined with DONE
assertion.
STOP
_IDMA: After all data in internal buffer is written to memory in one transfer, SC bit is set in IDSR (SC interrupt to
the core is not enabled) and BD is closed. Channel is stopped until START_IDMA command is reissued.
DONE assertion by the peripheral: All data in internal buffer is written to memory in one transfer. At the end of the
transfer, EDN interrupt is set to host. Additional DREQ assertions are ignored. IDMA2 channel is stopped until
START
_IDMA command is issued.
Table 19-16. Example: Memory-to-Peripheral Fly-By Mode (on 60x)–IDMA3
Important Init Values
Description
DCM[FB] = 1
Fly-by mode.
DCM[LP] = x
Don’t care. Transfer from memory to peripheral on the 60x bus is high priority.
DCM[DMA_WRAP] = DC Don’t care. No internal buffer is used.
Table 19-15. Example: Peripheral-to-Memory Mode—IDMA2 (continued)
Important Init Values
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com