Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 678 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 678 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 674Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 675Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 676Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 677Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 678Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 679Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 680Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 681Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 682Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 678 / 1386 page
background image
SDMA Channels and IDMA Emulation
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
19-32
Freescale Semiconductor
19.12.3 Memory-to-Memory (PCI Bus to 60x Bus)—IDMA1
In the example in Table 19-17, the IDMA1 channel transfers data from a memory device on the PCI bus
to one on the 60x bus. IDMA1 channel reads from the PCI bus into the internal buffer in one transfer and
writes to the 60x bus in nine consequent transfers of seven bursts each. It does this operation constantly by
using the internal request mode. The internal buffer is set to 2 Kbytes to maximize use of the PCI bus,
which is not too loaded.
The transfers to memory on the 60x bus are shorter, arbitration priority is low, and the internal request
priority of IDMA1 is lowest to prevent other device starvation on the 60x bus, which is loaded.
Table 19-17. Programming Example: Memory-to-Memory (PCI-to-60x)—IDMA1
Important Init Values
Description
DCM[FB] = 0
Not in fly-by mode.
DCM[LP] = 1
Transfers to 60x have low priority; the destination bus is loaded by higher priority devices.
DCM[DMA_WRAP] = 101 The internal buffer is 2,048 bytes long. Transfers from memory on the source bus (PCI) can
be as long as possible (PCI has high arbitration latency and long bursts). Transfers on the
destination side are shorter, as defined in DTS.
DCM[ERM] = 0
IDMA transfers data continuously until a IDMA_STOP command is issued or until the
transfer complete.s DREQ, DONE, and DACK are not connected externally.
DCM[DT] = DC.
Do not care. DONE assertion is not defined in memory-to-memory mode.
DCM[S/D] = 00
Memory-to-memory mode.
DCM[SINC] = 1
The source memory address is incremented after transfers.
DCM[DINC] = 1
The destination memory address is incremented after every transfer.
IBASE=IBDPTR= 0x0030 The current BD pointer is set to the BD ring Base address (aligned 16 -bits[3–0]=0000).
DPR_BUF = 0x0800
Initiated to address aligned to 2048 (bits[10–0] = 000_0000_0000).
SS_MAX = 2016(0x07e0) Initiated to (internal buffer size - 32) equal to STS in this mode.
STS = 2016(0x07e0)
Transfers from memory on PCI are 2016 bytes long on steady state of work.
DTS = 7*32 (0x00e0)
Transfers to memory on 60x are 224 bytes long (7 60x bursts) for steady-state operations.
We have low arbitration priority on the bus (LP = 1) but once we get it we would like to use
it for more that one burst.
every BD[SDTB] = 1
Source memory is on the PCI (multiplexed with local) bus.
every BD[DDTB] = 0
Destination memory is on the 60x bus.
last BD[SDN] = 0
DONE is not asserted on the last transfer from memory on PCI.
last BD[DDN] = 0
DONE is not asserted on the last transfer to memory on the 60x bus.
last BD[L] = 1
IDMA1 is stopped after last BD complete untill START_IDMA command is reissued.
last BD[I]] = 0
IDMA1 set BC interrupt to the core after last BD complete.
IDMR1=0x0f000000
IDMA1 Mask register is programmed to enable all interrupts.
SIMR_L=0x00000800
Interrupt controller is programmed to enable interrupts from IDMA1.
RCCR=0x00200000
IDMA1 configuration: Internal request priority is the lowest.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com