Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 679 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 679 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 675Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 676Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 677Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 678Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 679Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 680Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 681Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 682Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 683Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 679 / 1386 page
background image
SDMA Channels and IDMA Emulation
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
19-33
87FE=0x0100
IDMA1_BASE points to 0x0100 where the parameter table base address is located for
IDMA1.
CPCR=0x1e810009
IDMA_start command. IDMA1 page-00111 SBC-10100 op-1001 FLG=1. This write starts
the channel operation.
DMA operation:
START
_IDMA: Initialize all parameter RAM values, start transferring data immediately from the first BD. Data is read from
PCI bus in single burst of (32 aligment + 2016) bytes long, to fill internal buffer.The first write transfer to the 60x bus is
(32 aligment + 6 or 7 burst) bytes long. The rest 8 write transfers are 7 burst long each.
Steady state: Internal buffer is filled in large burst from PCI (STS long). Data is transferred to the 60x bus in 9 transfers
of 7 burst long (DTS) each. Addresses are incremented constantly. Operation continues until the last BD is completed
or STOP_IDMA command is issued. When the last valid BD is complete BC interrupt is set to the core, and IDMA1
channel is stopped, until START_IDMA command is issued.
STOP
_IDMA: after all data in internal buffer is written to the 60x bus, BD is closed and SC interrupt is set. Channel is
stopped until START_IDMA command is issued.
Table 19-17. Programming Example: Memory-to-Memory (PCI-to-60x)—IDMA1 (continued)
Important Init Values
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com