Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 683 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 683 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 679Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 680Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 681Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 682Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 683Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 684Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 685Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 686Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 687Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 683 / 1386 page
background image
Serial Communications Controllers (SCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
20-3
•
Fully transparent option for one half of an SCC (Rx/Tx) while another protocol executes on the
other half (Tx/Rx)
•
Echo and local loopback modes for testing
20.1.1
The General SCC Mode Registers (GSMR1–GSMR4)
Each SCC contains a general SCC mode register (GSMR) that defines options common to most of the
protocols. GSMR_L contains the low-order 32 bits; GSMR_H, shown in Figure 20-2, contains the
high-order 32 bits. Some GSMR operations are described in later sections.
Table 20-1 describes GSMR_H fields.
0
14
15
Field
—
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x11A04 (GSMR1); 0x11A24 (GSMR2); 0x11A44 (GSMR3); 0x11A64 (GSMR4)
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
Field
TCRC
REVD TRX TTX
CDP
CTSP
CDS CTSS
TFL
RFW TXSY
SYNL
RTSM RSYN
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x11A06 (GSMR1); 0x11A26 (GSMR2); 0x11A46 (GSMR3); 0x11A66 (GSMR4)
Figure 20-2. GSMR_H—General SCC Mode Register (High Order)
Table 20-1. GSMR_H Field Descriptions
Bit
Name
Description
0–15
—
Reserved, should be cleared.
16–17
TCRC
Transparent CRC (valid for totally transparent channel only). Selects the frame checking provided
on transparent channels of the SCC (either the receiver, transmitter, or both, as defined by TTX and
TRX). Although this configuration selects a frame check type, the decision to send the frame check
is made in the TxBD. Thus, frame checks are not needed in transparent mode and frame check
errors generated on the receiver can be ignored.
00 16-bit CCITT CRC (HDLC). (X16 + X12 + X5 + 1).
01 CRC16 (BISYNC). (X16 + X15 + X2 + 1).
10 32-bit CCITT CRC (Ethernet and HDLC).
(X32 + X26 + X23 + X22 + X16 + X12 + X11 + X10 + X8 + X7 + X5 + X4 + X2 + X1 + 1).
11 Reserved.
18
REVD
Reverse data (valid for a totally transparent channel only)
0 Normal operation.
1 Reverses the bit order for totally transparent channels on this SCC (either the receiver,
transmitter, or both) and sends the msb of each byte first. Section 23.11, “BISYNC Mode Register
(PSMR),” describes reversing bit order in a BISYNC protocol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com