Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 687 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 687 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 683Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 684Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 685Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 686Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 687Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 688Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 689Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 690Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 691Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 687 / 1386 page
background image
Serial Communications Controllers (SCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
20-7
11–12
TPP
Tx preamble pattern. Determines what, if any, bit pattern should precede each Tx frame. The
preamble pattern is sent before the first flag/sync of the frame. TPP is ignored in UART mode. The
preamble length is programmed in TPL; the preamble pattern is typically sent to a receiving station
that uses a DPLL for clock recovery. The receiving DPLL uses the regular preamble pattern to help
it lock onto the received signal in a short, predictable time period.
00 All zeros.
01 Repetitive 10s. Select this setting for Ethernet operation.
10 Repetitive 01s.
11 All ones. Select this setting for LocalTalk operation.
13
TEND
Transmitter frame ending. Intended for NRZI transmitter encoding of the DPLL. TEND determines
whether TXD should idle in a high state or in an encoded ones state (high or low). It can, however,
be used with other encodings besides NRZI.
0 Default operation. TXD is encoded only when data is sent, including the preamble and opening
and closing flags/syncs. When no data is available to send, the signal is driven high.
1 TXD is always encoded, even when idles are sent.
14–15
TDCR
Transmitter/receiver DPLL clock rate. If the DPLL is not used, choose 1
× mode except in
asynchronous UART mode where 8
×, 16×, or 32× must be chosen. TDCR should match RDCR in
most applications to allow the transmitter and receiver to use the same clock source. If an
application uses the DPLL, the selection of TDCR/RDCR depends on the encoding/decoding. If
communication is synchronous, select 1
×. FM0/FM1, Manchester, and Differential Manchester
require 8
×, 16×, or 32×. If NRZ- or NRZI-encoded communication is asynchronous (that is, clock
recovery required), select 8
×, 16×, or 32×. The 8× option allows highest speed, whereas the 32×
option provides the greatest resolution.
00 1
× clock mode. Only NRZ or NRZI encodings/decodings are allowed.
01 8
× clock mode.
10 16
× clock mode. Normally chosen for UART and AppleTalk.
11 32
× clock mode.
16–17
RDCR
18–20
RENC
Receiver decoding/transmitter encoding method. Select NRZ if DPLL is not used. RENC should
equal TENC in most applications. However, do not use this internal DPLL for Ethernet.
000 NRZ (default setting if DPLL is not used). Required for UART (synchronous or asynchronous).
001 NRZI Mark (set RINV/TINV also for NRZI space).
010 FM0 (set RINV/TINV also for FM1).
011 Reserved.
100 Manchester.
101 Reserved.
110 Differential Manchester (Differential Bi-phase-L).
111 Reserved.
21–23
TENC
Table 20-2. GSMR_L Field Descriptions (continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com