Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 690 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 690 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 686Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 687Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 688Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 689Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 690Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 691Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 692Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 693Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 694Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 690 / 1386 page
background image
Serial Communications Controllers (SCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
20-10
Freescale Semiconductor
20.1.4
Transmit-on-Demand Register (TODR)
In normal operation, if no frame is being sent by an SCC, the CP periodically polls the R bit of the next
TxBD to see if a new frame/buffer is requested. Depending on the SCC configuration, this polling occurs
every 8–32 serial Tx clocks. The transmit-on-demand option, selected in the transmit-on-demand register
(TODR) shown in Figure 20-5, shortens the latency of the Tx buffer/frame and is useful in LAN-type
protocols where maximum inter-frame gap times are limited by the protocol specification.
The CP can be configured to begin processing a new frame/buffer without waiting the normal polling time
by setting TODR[TOD] after TxBD[R] is set. Because this feature favors the specified TxBD, it may affect
servicing of other SCC FIFOs. Therefore, transmitting on demand should only be used when a
high-priority TxBD has been prepared and enough time has passed since the last transmission. Table 20-3
describes TODR fields.
20.2
SCC Buffer Descriptors (BDs)
Data associated with each SCC channel is stored in buffers and each buffer is referenced by a buffer
descriptor (BD) that can reside anywhere in dual-port RAM. The total number of 8-byte BDs is limited
only by the size of the dual-port RAM (128 BDs/1 Kbyte). These BDs are shared among all serial
controllers—SCCs, SMCs, SPI, and I2C. The user defines how the BDs are allocated among the
controllers.
Each 64-bit BD has the following structure:
•
The half word at offset + 0x0 contains status and control bits that control and report on the data
transfer. These bits vary from protocol to protocol. The CPM updates the status bits after the buffer
is sent or received.
0
15
Field TOD
—
Reset
0000_0000_0000_0000
R/W
W
Addr
0x11A0C (TODR1); 0x11A2C (TODR2); 0x11A4C (TODR3); 0x11A6C (TODR4)
Figure 20-5. Transmit-on-Demand Register (TODR)
Table 20-3. TODR Field Descriptions
Bits
Name
Description
0
TOD
Transmit on demand.
0 Normal operation.
1 The CP gives high priority to the current TxBD and begins sending the frame without waiting the
normal polling time to check the TxBD’s R bit. TOD is cleared automatically after one serial clock,
but transmitting on demand continues until an unprepared (R = 0) BD is reached. TOD does not
need to be set again if new TxBDs are added to the BD table as long as older TxBDs are still
being processed. New TxBDs are processed in order. The first bit of the frame is typically clocked
out 5-6 bit times after TOD is set.
1–15
—
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com