Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 694 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 694 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 690Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 691Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 692Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 693Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 694Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 695Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 696Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 697Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 698Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 694 / 1386 page
background image
Serial Communications Controllers (SCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
20-14
Freescale Semiconductor
20.3.1
SCC Base Addresses
The CPM maintains a section of RAM called the parameter RAM, which contains many parameters for
the operation of the FCCs, SCCs, SMCs, SPI, I2C, and IDMA channels. SCC base addresses are described
in Table 20-5.
The exact definition of the parameter RAM is contained in each protocol subsection describing a device
that uses a parameter RAM. For example, the Ethernet parameter RAM is defined differently in some
locations from the HDLC-specific parameter RAM.
0x0C
Word
Rx internal buffer pointer2. The Rx and Tx internal buffer pointers are updated by the SDMA
channels to show the next address in the buffer to be accessed.
0x10
RBPTR
Hword
Current RxBD pointer. Points to the current BD being processed or to the next BD the
receiver uses when it is idling. After reset or when the end of the BD table is reached, the
CPM initializes RBPTR to the value in the RBASE. Although most applications do not need
to write RBPTR, it can be modified when the receiver is disabled or when no Rx buffer is in
use.
0x12
Hword
Rx internal byte count 2. The Rx internal byte count is a down-count value initialized with
MRBLR and decremented with each byte written by the supporting SDMA channel.
0x14
Word
Rx temp3
0x18
TSTATE
Word
Tx internal state3
0x1C
Word
Tx internal buffer pointer 2. The Rx and Tx internal buffer pointers are updated by the SDMA
channels to show the next address in the buffer to be accessed.
0x20
TBPTR
Hword
Current TxBD pointer. Points to the current BD being processed or to the next BD the
transmitter uses when it is idling. After reset or when the end of the BD table is reached, the
CPM initializes TBPTR to the value in the TBASE. Although most applications do not need
to write TBPTR, it can be modified when the transmitter is disabled or when no Tx buffer is
in use (after a STOP TRANSMIT or GRACEFUL STOP TRANSMIT command is issued and the frame
completes its transmission).
0x22
Hword
Tx internal byte count 2. A down-count value initialized with TxBD[Data Length] and
decremented with each byte read by the supporting SDMA channel.
0x24
Word
Tx temp3
0x28
RCRC
Word
Temp receive CRC 2
0x2C
TCRC
Word
Temp transmit CRC 2
0x30
Protocol-specific area. (The size of this area depends on the protocol chosen.)
1 From SCC base. See Section 20.3.1, “SCC Base Addresses.”
2 These parameters need not be accessed for normal operation but may be helpful for debugging.
3 For CP use only
Table 20-4. SCC Parameter RAM Map for All Protocols (continued)
Offset 1
Name
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com