Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 697 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 697 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 693Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 694Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 695Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 696Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 697Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 698Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 699Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 700Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 701Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 697 / 1386 page
background image
Serial Communications Controllers (SCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
20-17
3. If the time-slot assigner (TSA) is used, the serial interface (SIx) must be configured. If the SCC is
used in NMSI mode, CMXSCR must still be initialized.
4. Write all GSMR bits except ENT or ENR.
5. Write the PSMR.
6. Write the DSR.
7. Initialize the required values for this SCC’s parameter RAM.
8. Initialize the transmit/receive parameters via the CP command register (CPCR).
9. Clear out any current events in SCCE (optional).
10. Write ones to SCCM register to enable interrupts.
11. Set GSMR_L[ENT] and GSMR_L[ENR].
Descriptors can have their R or E bits set at any time. Notice that the CPCR does not need to be accessed
after a hardwarereset. An SCC should be disabled and reenabled after any dynamic change to its parallel
I/O ports or serial channel physical interface configuration. A full reset can also be implemented using
CPCR[RST].
20.3.5
Controlling SCC Timing with RTS, CTS, and CD
When GSMR_L[DIAG] is programmed to normal operation, CD and CTS are controlled by the SCC. In
the following subsections, it is assumed that GSMR_L[TCI] is zero, implying normal transmit clock
operation.
20.3.5.1
Synchronous Protocols
RTS is asserted when the SCC data is loaded into the Tx FIFO and a falling Tx clock occurs. At this point,
the SCC starts sending data once appropriate conditions occur on CTS. In all cases, the first data bit is the
start of the opening flag, sync pattern, or preamble.
Figure 20-9 shows that the delay between RTS and data is 0 bit times, regardless of GSMR_H[CTSS]. This
operation assumes that CTS is already asserted to the SCC or that CTS is reprogrammed to be a parallel
I/O line, in which case CTS to the SCC is always asserted. RTS is negated one clock after the last bit in
the frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com