Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 695 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 695 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 691Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 692Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 693Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 694Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 695Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 696Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 697Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 698Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 699Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 695 / 1386 page
background image
Serial Communications Controllers (SCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
20-15
20.3.2
Function Code Registers (RFCR and TFCR)
There are eight separate function code registers for the four SCC channels, four for Rx buffers
(RFCR1–RFCR4) and four for Tx buffers (TFCR1–TFCR4). The function code registers contain the
transaction specification associated with SDMA channel accesses to external memory. Figure 20-8 shows
the register format.
Table 20-6 describes RFCRx/TFCRx fields.
Table 20-5. Parameter RAM—SCC Base Addresses
Page
Address 1
1 Offset from RAM_Base
Peripheral
Size (Bytes)
1
0x8000
SCC1
256
2
0x8100
SCC2
256
3
0x8200
SCC3
256
4
0x8300
SCC4
256
01234567
Field
—
GBL
BO
TC2
DTB
—
Reset
0000_0000_0000_0000
R/W
R/W
Addr
SCC
x base + 0x04 (RFCRx); SCCx base + 0x05 (TFCRx)
Figure 20-8. Function Code Registers (RFCR and TFCR)
Table 20-6. RFCR
x /TFCRx Field Descriptions
Bits
Name
Description
0–1
—
Reserved, should be cleared.
2
GBL
Global
0 Snooping disabled.
1 Snooping enabled.
3–4
BO
Byte ordering. Set BO to select the required byte ordering for the buffer. If BO is changed on-the-fly,
it takes effect at the beginning of the next frame (Ethernet, HDLC, and transparent) or at the
beginning of the next BD.
00 Reserved
01 Munged little-endian.
1x Big-endian or true little-endian.
5
TC2
Transfer code. Contains the transfer code value of TC[2], used during this SDMA channel memory
access. TC[0–1] is driven with a 0b11 to identify this SDMA channel access as a DMA-type access.
6
DTB
Data bus indicator
0 Use 60x bus for SDMA operation
1 Use local bus for SDMA operation
7
—
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com