Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 692 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 692 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 688Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 689Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 690Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 691Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 692Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 693Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 694Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 695Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 696Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 692 / 1386 page
background image
Serial Communications Controllers (SCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
20-12
Freescale Semiconductor
Figure 20-7. SCC BD and Buffer Memory Structure
In all protocols, BDs can point to buffers in the internal dual-port RAM. However, because dual-port RAM
is used for descriptors, buffers are usually put in external RAM, especially if they are large.
The CPM processes TxBDs straightforwardly; when the transmit side of an SCC is enabled, the CPM
starts with the first BD in that SCC TxBD table. Once the CPM detects that the R bit is set in the TxBD,
it starts processing the buffer. The CPM detects that the BD is ready when it polls the R bit or when the
user writes to the TODR. After data from the BD is put in the Tx FIFO, if necessary the CPM waits for the
next descriptor’s R bit to be set before proceeding. Thus, the CPM does no look-ahead descriptor
processing and does not skip BDs that are not ready. When the CPM sees a BD’s W bit (wrap) set, it returns
to the start of the BD table after this last BD of the table is processed. The CPM clears R (not ready) after
using a TxBD, which keeps it from being retransmitted before it is confirmed by the core. However, some
protocols support a continuous mode (CM), for which R is not cleared (always ready).
The CPM uses RxBDs similarly. When data arrives, the CPM performs required processing on the data
and moves resultant data to the buffer pointed to by the first BD; it continues until the buffer is full or an
event, such as an error or end-of-frame detection, occurs. The buffer is then closed; subsequent data uses
the next BD. If E = 0, the current buffer is not empty and it reports a busy error. The CPM does not move
from the current BD until E is set by the core (the buffer is empty). After using a descriptor, the CPM clears
E (not empty) and does not reuse a BD until it has been processed by the core. However, in continuous
mode (CM), E remains set. When the CPM discovers a descriptor’s W bit set (indicating it is the last BD
in the circular BD table), it returns to the beginning of the table when it is time to move to the next buffer.
Status and Control
Buffer Length
Buffer Pointer
SCCx TxBD
Table Pointer
SCCx RxBD
Table Pointer
SCCx RxBD
Table
SCCx TxBD
Table
Dual-Port RAM
Status and Control
Buffer Length
Buffer Pointer
Tx Buffer
External Memory
Rx Buffer Descriptors
Tx Buffer Descriptors
Rx Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com