Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 688 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 688 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 684Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 685Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 686Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 687Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 688Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 689Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 690Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 691Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 692Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 688 / 1386 page
background image
Serial Communications Controllers (SCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
20-8
Freescale Semiconductor
24–25
DIAG
Diagnostic mode.
00 Normal operation, CTS and CD are under automatic control. Data is received through RXD and
transmitted through TXD. The SCC uses modem signals to enable or disable transmission and
reception. These timings are shown in Section 20.3.5, “Controlling SCC Timing with RTS, CTS,
and CD.”
01 Local loopback mode. Transmitter output is connected internally to the receiver input, while the
receiver and the transmitter operate normally. The value on RXD is ignored. If enabled, data
appears on TXD, or the parallel I/O registers can be programmed to make TXD high. RTS can
also be programmed to be disabled in the appropriate parallel I/O register. The transmitter and
receiver must share the same clock source, but separate CLK
x pins can be used if connected
to the same external clock source.
If external loopback is preferred, program DIAG for normal operation and externally connect TXD
and RXD. Then, physically connect the control signals (RTS connected to CD, and CTS
grounded) or set the parallel I/O registers so CD and CTS are permanently asserted to the SCC
by configuring the associated CTS and CD pins as general-purpose I/O.
10 Automatic echo mode. The transmitter automatically resends received data bit-by-bit using the
Rx clock provided. The receiver operates normally and receives data if CD is asserted. CTS is
ignored.
11 Loopback and echo mode. Loopback and echo operation occur simultaneously. CD and CTS are
ignored. See the loopback bit description above for clocking requirements.
For TDM operation, the diagnostic mode is selected by SI
xMR[SDMx]; see Section 15.5.2, “SI Mode
Registers (SIxMR).”
26
ENR
Enable receive. Enables the receiver hardware state machine for this SCC.
0 The receiver is disabled and data in the Rx FIFO is lost. If ENR is cleared during reception, the
receiver aborts the current character.
1 The receiver is enabled.
ENR can be set or cleared, regardless of whether serial clocks are present. Section 20.3.7,
“Reconfiguring the SCCs,” describes how to disable/enable an SCC. Note that other tools, including
the ENTER HUNT MODE and CLOSE RXBD commands and the E bit of the Rx BD, data provide the
capability to control the receiver.
27
ENT
Enable transmit. Enables the transmitter hardware state machine for this SCC.
0 The transmitter is disabled. If ENT is cleared during transmission, the current character is aborted
and TXD returns to the idle state. Data already in the Tx shift register is not sent.
1 The transmitter is enabled.
ENT can be set or cleared, regardless of whether serial clocks are present. Section 20.3.7,
“Reconfiguring the SCCs,” describes how to disable/enable an SCC. Note that other tools, such as
the STOP TRANSMIT, GRACEFUL STOP TRANSMIT, and RESTART TRANSMIT commands, the freeze option
and CTS flow control option in UART mode, and the R bit of the TxBD, also provide the capability to
control the transmitter.
Table 20-2. GSMR_L Field Descriptions (continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com