Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 685 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 685 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 681Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 682Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 683Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 684Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 685Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 686Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 687Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 688Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 689Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 685 / 1386 page
background image
Serial Communications Controllers (SCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
20-5
Figure 20-3 shows GSMR_L.
Table 20-2 describes GSMR_L fields.
28–29
SYNL
Sync length (BISYNC and transparent mode only). See the data synchronization register (DSR)
definition in Section 23.9, “Sending and Receiving the Synchronization Sequence,” (BISYNC) and
Section 24.4.1.1, “In-Line Synchronization Pattern,” (transparent).
00 An external sync (CD) is used instead of the sync pattern in the DSR.
01 4-bit sync. The receiver synchronizes on a 4-bit sync pattern stored in the DSR. This sync and
additional syncs can be stripped by programming the SCC’s parameter RAM for character
recognition.
10 8-bit sync. Should be chosen along with the BISYNC protocol to implement mono-sync. The
receiver synchronizes on an 8-bit sync pattern in the DSR.
11 16-bit sync. Also called BISYNC. The receiver synchronizes on a 16-bit sync pattern stored in
the DSR.
30
RTSM
RTS mode. Determines whether flags or idles are to be sent. Can be changed on-the-fly.
0 Send idles between frames as defined by the protocol and the TEND bit. RTS is negated between
frames (default).
1 Send flags/syncs between frames according to the protocol. RTS is always asserted whenever
the SCC is enabled.
31
RSYN
Receive synchronization timing (totally transparent mode only).
0 Normal operation.
1 If CDS = 1
, CD should be asserted on the second bit of the Rx frame rather than on the first.
012
3456
78
10
11
12
13
14
15
Field
—
EDGE
TCI
TSNC
RINV TINV
TPL
TPP
TEND
TDCR
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x11A00 (SCC1); 0x11A20 (SCC2); 0x11A40 (SCC3); 0x11A60 (SCC4)
16
17
18
20
21
23
24
25
26
27
28
31
Field
RDCR
RENC
TENC
DIAG
ENR ENT
MODE
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x11A02 (SCC1); 0x11A22 (SCC2); 0x11A42 (SCC3); 0x11A62 (SCC4)
Figure 20-3. GSMR_L—General SCC Mode Register (Low Order)
Table 20-2. GSMR_L Field Descriptions
Bit
Name
Description
0
—
Reserved, should be cleared.
Table 20-1. GSMR_H Field Descriptions (continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com