Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 686 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 686 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 682Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 683Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 684Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 685Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 686Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 687Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 688Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 689Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 690Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 686 / 1386 page
background image
Serial Communications Controllers (SCCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
20-6
Freescale Semiconductor
1–2
EDGE
Clock edge. Determines the clock edge the DPLL uses to adjust the receive sample point due to
jitter in the received signal. Ignored in UART protocol or if the 1x clock mode is selected in RDCR.
00 Both the positive and negative edges are used for changing the sample point (default).
01 Positive edge. Only the positive edge of the received signal is used to change the sample point.
10 Negative edge. Only the negative edge of the received signal is used to change the sample
point.
11 No adjustment is made to the sample point.
3
TCI
Transmit clock invert.
0 Normal operation.
1 Before it is used, the internal Tx clock (TCLK) is inverted by the SCC so it can clock data out
one-half clock earlier (on the rising rather than the falling edge). In this case, the SCC offers a
minimum and maximum rising clock edge-to-data specification. Data output by the SCC after the
rising edge of an external Tx clock can be latched by the external receiver one clock cycle later
on the next rising edge of the same Tx clock. The edge on which the SCC outputs the data
depends on the mode of operation:
• In HDLC and Transparent mode, when TCI=0, data is sent on the falling edge; when TCI=1, on
the rising edge.
• In Ethernet mode, when TCI=0, data is sent on the rising edge; when TCI=1, on the falling edge.
Note: Recommended for Ethernet, HDLC, and transparent operation when clock rates exceed 8
MHz to improve data setup time for the external transceiver.
4–5
TSNC
Transmit sense. Determines the amount of time the internal carrier sense signal stays active after
the last transition on RXD, indicating that the line is free. For instance, AppleTalk can use TSNC to
avoid a spurious CS-changed (SCCE[DCC]) interrupt that would otherwise occur during the frame
sync sequence before the opening flags. If RDCR is configured to 1
× clock mode, the delay is the
greater of the two numbers listed. If RDCR is configured to 8
×, 16×, or 32× mode, the delay is the
smaller number.
00 Infinite. Carrier sense is always active (default).
01 14- or 6.5-bit times as determined by RDCR.
10 4- or 1.5-bit times as determined by RDCR (normally for AppleTalk).
11 3- or 1-bit times as determined by RDCR.
6
RINV
DPLL Rx input invert data. Must be zero in HDLC bus mode or asynchronous UART mode.
0Do not invert.
1 Invert data before sending it to the DPLL for reception. Used to produce FM1 from FM0 and NRZI
space from NRZI mark or to invert the data stream in regular NRZ mode.
7
TINV
DPLL Tx input invert data. Must be zero in HDLC bus mode.
0Do not invert.
1 Invert data before sending it to the DPLL for transmission. Used to produce FM1 from FM0 and
NRZI space from NRZI mark and to invert the data stream in regular NRZ mode. In T1
applications, setting TINV and TEND creates a continuously inverted HDLC data stream.
8–10
TPL
Tx preamble length. Determines the length of the preamble configured by the TPP bits.
000 No preamble (default).
001 8 bits (1 byte).
010 16 bits (2 bytes).
011 32 bits (4 bytes).
100 48 bits (6 bytes). Select this setting for Ethernet operation.
101 64 bits (8 bytes).
110 128 bits (16 bytes).
111 Reserved.
Table 20-2. GSMR_L Field Descriptions (continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com