Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 681 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 681 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 677Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 678Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 679Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 680Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 681Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 682Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 683Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 684Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 685Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 681 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
20-1
Chapter 20
Serial Communications Controllers (SCCs)
The MPC8280 has four serial communications controllers (SCCs), which can be configured independently
to implement different protocols for bridging functions, routers, and gateways, and to interface with a wide
variety of standard WANs, LANs, and proprietary networks. An SCC has many physical interface options
such as interfacing to TDM buses, ISDN buses, and standard modem interfaces.
The SCCs are independent from the physical interface, but SCC logic formats and manipulates data from
the physical interface. Furthermore, the choice of protocol is independent from the choice of interface. An
SCC is described in terms of the protocol it runs. When an SCC is programmed to a certain protocol or
mode, it implements functionality that corresponds to parts of the protocol’s link layer (layer 2 of the OSI
reference model). Many SCC functions are common to protocols of the following controllers:
•
UART, described in Chapter 21, “SCC UART Mode.”
•
HDLC and HDLC bus, described in Chapter 22, “SCC HDLC Mode.”
•
AppleTalk/LocalTalk, described in Chapter 26, “SCC AppleTalk Mode.”
•
BISYNC, described in Chapter 23, “SCC BISYNC Mode.”
•
Transparent, described in Chapter 24, “SCC Transparent Mode.”
•
Ethernet, described in Chapter 25, “SCC Ethernet Mode.”
Although the selected protocol usually applies both to the SCC transmitter and receiver, one half of an SCC
can run transparent operations while the other runs a standard protocol (except Ethernet).
Each Rx and Tx internal clock can be programmed with either an external or internal source. Internal
clocks originate from one of eight baud rate generators (BRGs) or an external clock pin; see Section 16.3,
“NMSI Configuration,” for each SCC’s available clock sources. These clocks can be as fast as a 1:4 ratio
of the CPM frequency. (For example, an SCC internal clock can run at 12.5 MHz in a 50-MHz system.)
However, an SCC’s ability to support a sustained bit stream depends on the protocol as well as other
factors.
Associated with each SCC is a digital phase-locked loop (DPLL) for external clock recovery, which
supports NRZ, NRZI, FM0, FM1, Manchester, and Differential Manchester. If the clock recovery function
is not required (that is, synchronous communication), then the DPLL can be disabled, in which case only
NRZ and NRZI are supported.
An SCC can be connected to its own set of pins on the MPC8280. This configuration is called the
non-multiplexed serial interface (NMSI) and is described in Chapter 15, “Serial Interface with Time-Slot
Assigner.” Using NMSI, an SCC can support standard modem interface signals, RTS, CTS, and CD. If
required, software and additional parallel I/O lines can be used to support additional handshake signals.
Figure 20-1 shows the SCC block diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com