Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 677 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 677 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 673Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 674Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 675Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 676Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 677Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 678Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 679Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 680Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 681Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 677 / 1386 page
background image
SDMA Channels and IDMA Emulation
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
19-31
DCM[ERM] = 1
Transfers from peripheral are initiated by DREQ.
DCM[DT] = 1
Assertion of DONE by the peripheral terminates the transfer, interrupt EDN is set to the
core, Current BD is closed and the next BD if valid is opened. Additional DREQ assertions
cause the new BD to be transferred.
DCM[S/D] = 01
Memory-to-peripheral mode. DONE, DREQ, and DACK are connected to the peripheral.
DCM[SINC] = 1.
The memory address is incremented after every transfer.
DCM[DINC] = 1
The memory address is incremented after every transfer.
DPR_BUF
The IDMA transfer buffer is not used.
IBASE = IBDPTR =
0x0030
The current BD pointer is set to the BD table base address (aligned 16 -bits[3–0]=0000).
STS = 0x0004
Transfers from memory to peripheral are always 4 bytes long (60x singles).
DTS = 0x0004
Transfers from memory to peripheral are always 4 bytes long (60x singles).
Every BD[SDTB] = 0
Memory and peripheral are on the 60x bus.
Every BD[DDTB] = 0
Memory and peripheral are on the 60x bus.
Last BD[SDN] = 1
DONE is asserted on the last transfer.
Last BD[DDN] = 1
DONE is asserted on the last transfer.
IDMR3 = 0x0400_0000
The IDMA3 mask register is programmed to enable the IDSR[OB] interrupt only.
SIMR_L = 0x0000_0100
The interrupt controller is programmed to enable interrupts from IDMA3.
PDIRA = 0x2000_0000
PPARA = 0xE000_0000
PSORA = 0xE000_0000
PODRA = 0x4000_0000
Parallel I/O registers are programmed to enable:PA[0] = DREQ3; PA[2] = DACK3; PA[1] =
DONE3.
The peripheral signals are to be connected to these lines accordingly.
RCCR = 0x0000_0080
IDMA3 configuration: DREQ is level high. DONE is high to low. request priority is higher
than the SCCs.
89FE = 0x0300
IDMA3_BASE points to 0x0300 where the parameter table base address is located for
IDMA3.
CPCR = 0x26C1_0009
START
_IDMA command. IDMA3 page-01001 SBC-10110 op-1001 FLG=1.This write starts
the channel operation.
DMA operation:
START
_IDMA: Initialize all parameter RAM values, wait for DREQ to open the first BD.
Steady state: Every DREQ triggers a 4-byte transfer in single address transaction. DMA performs a memory read
transaction combined with DACK assertion. Memory address is incremented constantly. Last transaction of the last
BD is combined with DONE assertion.Another DREQ assertion after last BD complete will issue IDSR[OB] interrupt
to the core.
STOP
_IDMA: BD is closed. SC bit is set in IDSR (SC interrupt to the core is not enabled).Channel is stopped until
START
_IDMA command is issued.
DONE assertion by the peripheral: current BD is closed. IDSR[EDN] is set (but the interrupt to the core is not
enabled).The next BD is open with the next DREQ assertion (or IDSR[OB] interrupt is set to the core if there is no other
valid BDs).
Table 19-16. Example: Memory-to-Peripheral Fly-By Mode (on 60x)–IDMA3 (continued)
Important Init Values
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com