Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 674 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 674 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 670Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 671Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 672Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 673Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 674Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 675Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 676Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 677Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 678Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 674 / 1386 page
background image
SDMA Channels and IDMA Emulation
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
19-28
Freescale Semiconductor
19.11 Programming the Parallel I/O Registers
The parallel I/O registers control the use of the external pins of the chip. Each pin can be used for different
purposes. See Table 19-12, Table 19-13 and Table 19-14 (optional) for the proper parallel I/O register
programming dedicating the proper external ports to the four IDMA channels’ external I/O signals.
Each port is controlled by five I/O registers: PPAR, PSOR, PDIR, PODR, and PDAT. Each bit in these
registers controls the external pin of the same location.
•
PPARC selects the pins general purpose(0)/dedicated(1) mode for port C.
•
PDIRC select the pins input or inout (0)/output(1) mode for port C.
•
PODRC selects the open drain pins for port C.
•
PSORC selects the pins dedicated1(0)/dedicated2(1) mode for port C.
•
PPARA, PDIRA, PODRA, and PSORA control port A in the same way.
•
PPARD, PDIRD, PODRD, and PSORD control port D in the same way.
•
The default is the value that is seen by the IDMA channel on the pin (input or inout mode
only—PDIR[PN] = 0) if a PSORx register bit is set to the complement value of the value in
Table 19-12, Table 19-13 and Table 19-14. See Section 41.2, “Port Registers.”
Table 19-13 describes parallel I/O register programming for port A.
Table 19-12. Parallel I/O Register Programming—Port C
Channel
Signal
Pin
PPARC
PDIRC
PODRC
PSORC
Default
IDMA1
DREQ1 (I)
PC[0]
1000
GND
DACK1 (O)
PC[23]
1101
—
DONE1 (I/O)
PC[22]
1011
VDD
IDMA2
DREQ2 (I)
PC[1]
1000
GND
DACK2 (O)
PC[3]
1101
—
DONE2 (I/O)
PC[2]
1011
VDD
Table 19-13. Parallel I/O Register Programming—Port A
Channel
Signal
Pin
PPARA
PDIRA
PODRA
PSORA
Default
IDMA3
DREQ3 (I)
PA[0]
1001
GND
DACK3 (O)
PA[2]
1101
—
DONE3 (I/O)
PA[1]
1011
VDD
IDMA4
DREQ4 (I)
PA[5]
1001
GND
DACK4 (O)
PA[3]
1101
—
DONE4 (I/O)
PA[4]
1011
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com