Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 670 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 670 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 666Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 667Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 668Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 669Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 670Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 671Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 672Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 673Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 674Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 670 / 1386 page
background image
SDMA Channels and IDMA Emulation
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
19-24
Freescale Semiconductor
Table 19-10 describes IDMA BD fields.
Table 19-10. IDMA BD Field Descriptions
Offset
Bits
Name
Description
0x00
0
V
Valid
0 This BD does not contain valid data for transfer.
1 This BD contain valid data for transfer.
The CP checks this bit before starting a BD service. If this bit is cleared when the CP
accesses the BD, an interrupt IDSR[OB] is issued to the core, the IDMA channel is
stopped until a START_IDMA command is issued. After the BD is serviced this bit is
cleared by CP unless CM = 1.
1
—
Reserved, should be cleared.
2
W
Wrap (final BD in table)
0 This is not the last BD in the BD table.
1 Last BD in the table. After the associated buffer has been used, the CP transfers data
from the first BD in the table, which is pointed by IBASE. The number of BDs in this
table is programmable and determined by W bit and the overall space constraints of
the dual-port RAM.
3
I
Interrupt
0 No interrupt is generated after this buffer is serviced.
1 When the CP services all the buffer’s data, IDSR[BC] is set, which generates a
maskable interrupt.
4
L
Last
0 Not the last buffer of a chain to be transferred in buffer chaining mode. The I bit can
be used to generate an interrupt when this buffer service is complete.
1 Last buffer of a chain to be transferred in buffer chaining mode. When this BD service
is complete the channel is stopped by CP until START_IDMA command is issued.
This bit should be set only in buffer chaining mode (CM bit 6 = 0).
5
—
Reserved, should be cleared.
6
CM
Continuous mode
0 Buffer chaining mode. The CP clears V after this BD is serviced. Buffer chaining
mode is used to transfer large quantities of data into non-contiguous buffer areas.
The user can initialize BDs ahead of time, if needed. The CP automatically loads the
IDMA registers from the next BD values when the transfer is terminated.
1 Auto buffer mode (continuous mode). The CP does not clear V after this BD is
serviced. This is the only difference between auto buffer mode and buffer chaining
mode. Auto buffer mode transfers multiple groups of data to/from a buffer table and
does not require BD reprogramming. The CP automatically reloads the IDMA
registers from the next BD values when the transfer is terminated. Either a single BD
or multiple BDs can be used to create an infinite loop of repeated data moves.
Note: The I bit can still be used to generate an interrupt in this mode.
7-8
—
Reserved, should be cleared.
9
SDN
Source done
0DONE is inactive during this BD.
1 The IDMA asserts DONE at the last read data phase of the BD.
In fly-by mode (DCM[FB] = 1), SDN should be same as DDN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com