Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 666 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 666 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 662Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 663Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 664Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 665Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 666Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 667Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 668Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 669Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 670Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 666 / 1386 page
background image
SDMA Channels and IDMA Emulation
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
19-20
Freescale Semiconductor
19.8.2.2
Data Transfer Types as Programmed in DCM
Table 19-6 summarizes the types of data transfers according to the DCM programming.
19.8.2.3
Programming DTS and STS
The options for setting STS and DTS depend on (DCM[DMA_WRAP]) and are described in the following
tables for memory/memory and memory/peripheral transfers.
Table 19-7 describes valid STS/DTS values for memory-to-memory operations.
Table 19-6. IDMA Channel Data Transfer Operation
S/D
FB
Read From
Write To
Description (Steady-State Operation)
01
0
Memory
(STS = SS_MAX)
Peripheral
(DTS = port size
or 32)
Read from memory: Filling internal buffer in one DMA transfer.
On the bus: one burst or more, depends on STS
Write to peripheral: In smaller transfers until internal buffer empties.
On the bus: singles or burst, depends on DTS
10
0
Peripheral
(STS = port size or
32)
Memory
(DTS =
SS_MAX)
Read from peripheral: Filling internal buffer in several DMA
transfers.
On the bus: singles or burst, depends on STS
Write to memory: in one DMA transfer, internal buffer empties.
On the bus: one burst or more, depends on DTS
00
0
Memory
(STS = SS_MAX)
Memory
(DTS =
SS_MAX or
less)
Read from memory: Filling internal buffer in one DMA transfer.
On the bus: one burst or more, depends on STS
Write to memory: in one transfer or more until internal buffer
empties.
On the bus: singles or bursts, depends on DTS
00
0
Memory
(STS = SS_MAX
or less)
Memory
(DTS =
SS_MAX)
Read from memory: Filling internal buffer in one or more DMA
transfers.
On the bus: singles or bursts, depends on STS
Write to memory: in one DMA transfer, internal buffer empties.
On the bus: one burst or more, depends on DTS
01
1
Memory to
peripheral
(DTS = port size or
32)
—
Read transaction from memory while asserting DACK to
peripheral. Peripheral samples the data read from memory.
On the bus: singles or bursts, depends on DTS
10
1
—
Peripheral to
memory
(STS = port size
or 32)
Write transaction to memory while asserting DACK to peripheral.
Peripheral provides the data that is written to the memory.
On the bus: singles or bursts, depends on STS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com