Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 664 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 664 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 660Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 661Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 662Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 663Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 664Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 665Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 666Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 667Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 668Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 664 / 1386 page
background image
SDMA Channels and IDMA Emulation
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
19-18
Freescale Semiconductor
19.8.2.1
DMA Channel Mode (DCM)
The IDMA channel mode (DCM), shown in Figure 19-8, is a 16-bit field within the IDMA parameter
RAM, that controls the operation modes of the IDMA channel. As are all other IDMA parameters, the
DCM is undefined at reset.
Table 19-5 describes DCM bits.
0
1
2
4
5
6
7
9
10
11
12
13
14
15
Field
FB
LP
—
TC2
—
DMA_WRAP
SINC DINC ERM
DT
S/D
Reset
—
R/W
R/W
Figure 19-8. DCM Parameters
Table 19-5. DCM Field Descriptions
Bits
Name
Description
0
FB
Fly-by mode. See Table 19-6.
0 Dual-address mode.
1 Fly-by (single-address) mode. The internal IDMA transfer buffer is not used. Valid only in
peripheral-to-memory (S/D=10) or memory-to-peripheral (S/D=01) modes.
1
LP
Low priority. Applies to memory-to-memory accesses only. See Section 4.3.2, “System
Configuration and Protection Registers.”
0 The IDMA transaction to memory is in middle CPM request priority.
1 The IDMA transaction to memory is in low CPM request priority.
Note that IDMA single-address (fly-by) transfers with external peripherals are always high
priority, ignoring this bit and bypassing other pending SDMA requests.
2–4
—
Reserved, should be cleared.
5
TC2
Driven on TC[2] during IDMA transactions. The TC[0–1] signals are always driven to 0b11
during IDMA transactions.
6
—
Reserved, should be cleared.
7–9
DMA_WRAP
DMA wrap. Defines the size of the IDMA transfer buffer. The IDMA pointer wraps to the
beginning of the buffer whenever DMA_WRAP bytes have been transferred to/from the buffer.
000 64 byte
001 128 byte
010 256 byte
011 512 byte
100 1024 byte
101 2048 byte
11x Reserved
Table 19-7 and Table 19-8 describes the relations between the parameter’s initial value and
SS_MAX, STS, DTD and DCM[S/D] parameters.
The IDMA transfer buffer (DPR_BUF) size should be consistent with DCM[DMA_WRAP]; that is
DPR_BUF = 64 X 2(DMA_WRAP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com