Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 661 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 661 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 657Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 658Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 659Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 660Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 661Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 662Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 663Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 664Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 665Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 661 / 1386 page
background image
SDMA Channels and IDMA Emulation
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
19-15
operation. In addition the core initializes the parallel I/O registers to enable IDMA external signals,
if needed, and other registers related to the channel priority and operation modes; see
Section 19.11, “Programming the Parallel I/O Registers.” The core initiates the IDMA BDs to
point to the data for the transfer and/or a free space for data to be transferred to, and starts the
transfer by issuing the START_IDMA command.
•
During data transfer, the IDMA accepts requests for data transfers and provides addressing and bus
control for the transfers.
•
Termination occurs when the IDMA operation completes or the peripheral asserts DONE
externally. The core can initiate termination by using the STOP_IDMA command. The IDMA can
interrupt the core if interrupts are enabled to signal for operation termination and other events
related to the data transfer.
The IDMA uses a data structure, which, as with serial controller BDs, allows flexible data allocation and
eliminates the need for core intervention between transfers. BDs contain information describing the data
block and special control options for the DMA operation while transferring the data block.
19.8.1
Auto Buffer and Buffer Chaining
The core processor should initialize the IDMA BD table with the appropriate buffer handling mode, source
address, destination address, and block length. See Figure 19-7.
Figure 19-7. IDMA
x Channel BD Table
Data associated with each IDMA channel is stored in buffers and each buffer is referenced by a BD that
uses a circular table structure in the dual-port RAM. Control options such as interrupt and DONE assertion
are also programmed on a per-buffer basis in each BD.
IDMAx BD Base
Address (IBASE)
Source Device or
Buffer 0
Source Device or
Buffer 1
Source Device or
Buffer 2
Source Device or
Buffer n
BD 0
Destination Device or
Buffer 0
BD 1
BD 2
BD n
Destination Device or
Buffer 1
Destination Device or
Buffer 2
Destination Device or
Buffer n
•
•
•
••
•
••
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com