Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 659 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 659 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 655Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 656Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 657Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 658Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 659Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 660Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 661Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 662Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 663Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 659 / 1386 page
background image
SDMA Channels and IDMA Emulation
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
19-13
Additional priority over all serial controllers can be selected by setting DCM[LP]; see Section 19.8.2.1,
“DMA Channel Mode (DCM).”
19.7
IDMA Interface Signals
Each IDMA has three dedicated handshake control signals for transfers involving an external peripheral
device: DMA request (DREQ[1–4]), DMA acknowledge (DACK[1–4]) and DMA done (DONE[1–4]).
DREQx may also be used to control the transfer pace of memory-to-memory transfers.
•DREQx is the external DMA request signal.
•
DACKx is the DMA acknowledge.
•
DONEx marks the end of an IDMA transfer.
The IDMA signals are multiplexed with other internal controller signals at the parallel I/O ports. To enable
the IDMA signals, the corresponding bits in the parallel I/O registers should be set. See Chapter 41,
“Parallel I/O Ports.”
19.7.1
DREQ
x and DACKx
When the peripheral requires IDMA service, it asserts DREQx and the MPC8280 begins the IDMA
process. When the IDMA service is in progress, DACKx is asserted during accesses to the peripheral. A
peripheral must validate the transfer by asserting TA or signal an error by asserting TEA.
If the user programs the memory controller for the peripheral, the MPC8280 asserts TA so that the
peripheral terminates DACKx. Without TA assertion, DACKx could be asserted for only one cycle, and
no data transfer occurs. To avoid peripherals mistaking this as a valid data transfer, DACKx should be
qualified with TA.
NOTE
Programming the parallel ports DREQ pins generates a transition on the
internal DREQ signals. This might cause an IDMA transaction, and, if the
IDMA is not initialized at that time, the IDMA transaction may lock the
CPM. Therefore, do one of the following:
•
Program the parallel ports to be DREQ after initializing the IDMA
registers and parameter RAM.
•
Pull down (pull-up does not help) the DREQ inputs before programming
the parallel port DREQ pins and until after setting the IDMA registers,
or program the IDMA registers for a dummy transaction before
programming the parallel port DREQ pins.
DREQx may be configured as either edge- or level-sensitive by programming the RCCR[DRxM]. When
DREQx is configured as edge-sensitive, RCCR[EDMx] controls whether the request is generated on the
rising or falling edge; see Section 14.3.7, “RISC Controller Configuration Register (RCCR).”
DREQx is sampled at each rising edge of the clock to determine when a valid request is asserted by the
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com