Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 672 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 672 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 668Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 669Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 670Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 671Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 672Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 673Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 674Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 675Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 676Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 672 / 1386 page
background image
SDMA Channels and IDMA Emulation
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
19-26
Freescale Semiconductor
19.9
IDMA Commands
The user has two commands to control each IDMA channel. These commands are executed through the
CP command register (CPCR); see Section 14.4, “Command Set.”
19.9.1
START
_IDMA Command
The START_IDMA command is used to start a transfer on an IDMA channel. The user must initialize all
parameters relevant for the correct operation of the channel (IDMAx_BASE and IDMA channel parameter
table) before issuing this command.
To restart the channel operation, the START_IDMA command can be reissued after every pause in channel
activity. The user must ensure that parameters are correct for the channel to continue operation correctly.
The parameter ISTATE of the IDMA parameter RAM should be cleared before every issue of a
START
_IDMA command.
An IDMA pause may occur for one of the following reasons:
•
The channel is out of buffers—IDSR[OB] event is set and an interrupt is generated to the core, if
enabled.
•
DONE was asserted externally and DCM[DT] = 0 (see Table 19-5.). An IDSR[EDN] event is set
and an interrupt is generated to the core, if enabled.
•
STOP
_IDMA command was issued.
•
The channel has finished a transfer of a BD with the last bit (L) set.
If the START_IDMA command is reissued and channel has more buffers to transfer, it restarts transferring
data according to the next BD in the buffer table.
In external request mode (ERM=1), the START_IDMA command initializes the channel, but the first data
transfer is performed after external DREQx assertion.
In internal request mode (ERM=0), the START_IDMA command starts the data transfer almost immediately,
with a delay which depends on the CP load.
19.9.2
STOP
_IDMA Command
The STOP_IDMA command is issued to stop the transfer of an IDMA channel.
0x08
0–31
Source
Buffer
Pointer
Holds the address of the associated buffer. Buffers may reside in internal or external
memory. Note that if the source/destination is a device, the pointer should contain the
device address.
In fly-by mode, the pointers should contain the memory address.
0x0C
0–31
Destination
Buffer
Pointer
Table 19-10. IDMA BD Field Descriptions (continued)
Offset
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com