Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 652 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 652 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 648Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 649Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 650Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 651Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 652Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 653Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 654Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 655Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 656Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 652 / 1386 page
background image
SDMA Channels and IDMA Emulation
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
19-6
Freescale Semiconductor
•
4-Gbyte maximum block length for each buffer
•
32-bit address pointers that can be optionally incremented
•
Two buffer handling modes—auto buffer and buffer chaining
•
Interrupts are optionally generated for BD transfer completion, external DONE assertion, and
STOP
_IDMA command completion.
•
Any channel is independently configurable for data transfer from any 60x, local bus, or PCI source
to any 60x, local bus, or PCI destination
•
Programmable byte-order conversion is supported independently for each DMA channel
•
Supports programmable 60x-bus bandwidth usage for system performance optimization
Peripheral to/from memory features include the following:
•
External DREQ, DACK, and DONE signals for each channel simplifies the peripheral interface for
memory-to/from-peripheral transfers
•
Supports 1-, 2-, 4-, and 8-byte peripheral port sizes
•
Supports standard 60x burst accesses (four consecutive 64-bit data phases) to/from peripherals
19.5
IDMA Transfers
The IDMA channel transfers data from a source to a destination using an intermediate transfer buffer (of
programmable size) in the dual-port RAM (note that the IDMA cannot burst to or from the dual-port
RAM). An efficient data-packing algorithm bursts data through the IDMA transfer buffer to minimize the
bus cycles needed for the transfer; however, the IDMA will burst when it has 0x10 or more bytes to
transfer. In single-address peripheral transfers, however, data is transferred directly between memory and
a peripheral device without using the IDMA transfer buffer.
Unaligned data is transferred in single accesses until alignment is achieved. Then, burst transactions are
used (if allowed by the user) to transfer the bulk of the data buffer. Single accesses are used again for any
remaining non-burstable data at the end of the transfer.
19.5.1
Memory-to-Memory Transfers
For memory-to-memory transfers, the IDMA first fills the IDMA transfer buffer in the dual-port RAM by
initiating read accesses on the source bus. It then empties the data from the internal transfer buffer to the
destination bus by initiating write accesses. The transfer sizes for the source and destination buses are
programmed in the IDMA parameter RAM.
For the DMA to generate bursts on the 60x bus, the address boundaries of each burst transfer must be
32-byte aligned. If the transfer does not start on a burst boundary, the IDMA controller transfers the
end-of-burst (EOB) data (1–31 bytes) in non-burst transactions on the source bus and on the destination
bus until reaching the next boundary. When alignment is achieved, subsequent data is bursted until the
remainder of the data in the buffer is less than a burst size (32 bytes). The remaining data is transferred
using non-burst transactions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com