Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 648 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 648 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 644Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 645Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 646Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 647Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 648Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 649Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 650Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 651Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 652Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 648 / 1386 page
background image
SDMA Channels and IDMA Emulation
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
19-2
Freescale Semiconductor
The SDMA channel can be assigned big-endian (Freescale) or little-endian format for accessing buffer
data. These features are programmed in the receive and transmit registers associated with the FCCs,
MCCs, SCCs, SMCs, SPI, and I2C.
If a 60x or local bus error occurs on a CP-related access by the SDMA, the CP generates a unique interrupt
in the SDMA status register (SDSR). The interrupt service routine then reads the appropriate DMA
transfer error address register (PDTEA for the 60x bus or LDTEA for the local bus) to determine the
address the bus error occurred on. The channel that caused the bus error is determined by reading the
channel number from PDTEM or LDTEM. If an SDMA bus error occurs on a CP-related transaction, all
CPM activity stops and the entire CPM must be reset in the CP command register (CPCR). See
Section 19.2, “SDMA Registers.”
19.1
SDMA Bus Arbitration and Bus Transfers
On the MPC8280, the core, PCI bridge, and SDMA can become external bus masters. (The relative priority
of these masters is programmed by the user; see Section 4.3.2, “System Configuration and Protection
Registers,” for programming bus arbitration.)Therefore, any SDMA channel can arbitrate for the bus
against the other internal devices and any external devices present. Once an SDMA channel becomes
system bus master, it remains bus master for one transaction (which can be a byte, half word, word, burst,
or extended special burst) before releasing the bus. This feature, in combination with the zero-clock
arbitration overhead provided by the 60x bus, increases bus efficiency and lowers bus latency.
To minimize the latency associated with slower, character-oriented protocols, an SDMA writes each
character to memory as it arrives without waiting for the next character, and always reads using 16-bit
half-word transfers.
The SDMA can access the 60x bus either at the regular 60x transactions (single-beat accesses, four-beat
bursts) or special two- and three-beat burst accesses. For a further description of this feature see
Section 8.4.3.8, “Extended Transfer Mode.”
A transfer may take multiple bus transactions if the memory provides a less than 64-bit 60x port size or
less than 32-bit local bus port size. An SDMA uses back-to-back bus transactions for the entire
transfer—4-word bursts, 64-bit reads, and 8-, 16-, 32-, or 64-bit writes—before relinquishing the bus. For
example, a 64-bit word 60x-bus read from a 32-bit memory takes two consecutive SDMA bus transactions.
An SDMA can steal transactions with no arbitration overhead when the MPC8280 is bus master.
Figure 19-2 shows an SDMA stealing a transaction from an internal bus master.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com