Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 644 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 644 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 640Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 641Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 642Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 643Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 644Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 645Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 646Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 647Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 648Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 644 / 1386 page
background image
Timers
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
18-6
Freescale Semiconductor
Table 18-3 describes TMR1–TMR4 register fields.
18.2.4
Timer Reference Registers (TRR1–TRR4)
Each timer reference register (TRR1–TRR4), shown in Figure 18-6, contains the time-out reference value.
The reference value is not reached until TCNx increments to equal the timeout reference value.
0
7
8
9
10
11
12
13
14
15
Field
PS
CE
OM
ORI
FRR
ICLK
GE
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10D90 (TMR1); 0x10D92 (TMR2); 0x10DA0 (TMR3); 0x10DA2 (TMR4)
Figure 18-5. Timer Mode Registers (TMR1–TMR4)
Table 18-3. TMR1–TMR4 Field Descriptions
Bits
Name
Description
0–7
PS
Prescaler value. The prescaler is programmed to divide the clock input by values from 1 to 256. The
value 00000000 divides the clock by 1 and 11111111 divides the clock by 256.
8–9
CE
Capture edge and enable interrupt.
00 Disable interrupt on capture event; capture function is disabled.
01 Capture on rising TIN
x edge only and enable interrupt on capture event.
10 Capture on falling TIN
x edge only and enable interrupt on capture event.
11 Capture on any TIN
x edge and enable interrupt on capture event.
10
OM
Output mode
0 Active-low pulse on TOUT
x for one timer input clock cycle as defined by the ICLK bits. Thus,
TOUT
x may be low for one bus clock period, one bus clock/16 period, or one TINx clock cycle
period. TOUT
x changes occur on the rising edge of the system clock.
1 Toggle TOUT
x. TOUTx changes occur on the rising edge of the system clock.
11
ORI
Output reference interrupt enable.
0 Disable interrupt for reference reached (does not affect interrupt on capture function).
1 Enable interrupt upon reaching the reference value.
12
FRR
Free run/restart.
0 Free run. The timer count continues to increment after the reference value is reached.
1 Restart. The timer count is reset immediately after the reference value is reached.
13–14
ICLK
Input clock source for the timer.
00 Internally cascaded input. For TMR1, the timer 1 input is the output of timer 2. For TMR3, the
timer 3 input is the output of timer 4. For TMR2 and TMR4, this selection means no input clock
is provided to the timer.
01 Internal bus clock.
10 Internal bus clock divided by 16.
11 Corresponding TIN
x: TIN1, TIN2, TIN3, or TIN4 (falling edge).
15
GE
Gate enable.
0TGATE
x is ignored.
1TGATE
x is used to control the timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com