Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 640 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 640 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 636Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 637Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 638Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 639Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 640Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 641Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 642Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 643Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 644Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 640 / 1386 page
background image
Timers
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
18-2
Freescale Semiconductor
•
16-nanosecond resolution (at 66 MHz)
•
Programmable sources for the clock input
•
Input capture capability
•
Output compare with programmable mode for the output pin
•
Two timers cascade internally or externally to form a 32-bit timer
•
Free run and restart modes
•
Functional compatibility with timers on the MC68360 and MPC860
18.2
General-Purpose Timer Units
The clock input to the prescaler can be selected from three sources:
•
The bus clock (CLKIN)
•
The bus clock divided by 16 (CLKIN/16)
•
The corresponding TINx, programmed in the parallel port registers
The bus clock is generated in the clock synthesizer and defaults to the bus frequency. However, the bus
clock has the option to be divided before it leaves the clock synthesizer. This mode, called slow go, is used
to save power. Whatever the resulting frequency of the bus clock, the user can either choose that frequency
or the frequency divided by 16 as the input to the prescaler of each timer. Alternatively, the user may prefer
TINx to be the clock source. TINx is internally synchronized to the internal clock. If the user has chosen
to internally cascade two 16-bit timers to a 32-bit timer, then a timer can use the clock generated by the
output of another timer.
The clock input source is selected by the corresponding TMR[ICLK] bits. The prescaler is programmed
to divide the clock input by values from 1 to 256 and the output of the prescaler is used as an input to the
16-bit counter. The best resolution of the timer is one clock cycle (16 ns at 66 MHz). The maximum period
(when the reference value is all ones) is 268,435,456 cycles (4 seconds at 66 MHz).
Each timer can be configured to count until a reference is reached and then either begin a new time count
immediately or continue to run. The FRR bit of the corresponding TMR selects each mode. Upon reaching
the reference value, the corresponding TER bit is set and an interrupt is issued if TMR[ORI] = 1. The
timers can output a signal on the timer outputs (TOUT1–TOUT4) when the reference value is reached
(selected by the corresponding TMR[OM]). This signal can be an active-low pulse or a toggle of the
current output. The output can also be connected internally to the input of another timer, resulting in a
32-bit timer.
In addition, each timer has a 16-bit TCR used to latch the value of the counter when a defined transition
of TIN1, TIN2, TIN3, or TIN4 is sensed by the corresponding input capture edge detector. The type of
transition triggering the capture is selected by the corresponding TMR[CE] bits. Upon a capture or
reference event, the corresponding TER bit is set and a maskable interrupt request is issued to the interrupt
controller. The timers may be gated/restarted by an external gate signal. There are two gate
signals—TGATE1 controls timer 1 and/or 2 and TGATE2 controls timer 3 and/or 4. Normal gate mode
enables the count on a falling edge of TGATEx and disables the count on the rising edge of TGATEx. This
mode allows the timer to count conditionally, based on the state of TGATEx.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com