Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 637 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 637 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 633Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 634Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 635Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 636Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 637Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 638Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 639Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 640Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 641Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 637 / 1386 page
background image
Baud-Rate Generators (BRGs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
17-5
17.3
UART Baud Rate Examples
For synchronous communication using the internal BRG, the BRGO must not exceed the BRG input clock
divided by 2. Therefore, with a BRG input clock of 66MHz (generated using an external clock source: refer
to BRGCx[EXTC]), the maximum BRGO rate is 33MHz. Program the UART to 16
× oversampling when
using the SCC as a UART. Rates of 8
× and 32× are also available. Assuming 16× oversampling is chosen
in the UART, the maximum data rate is 66 MHz ÷ 16 = 4.125 Mbps. Keeping the above in mind, use the
following formula to calculate the bit rate based on a particular BRG configuration for a UART:
Table 17-3 lists typical bit rates of asynchronous communication. Note that here the internal clock rate is
assumed to be 16
× the baud rate; that is, GSMRx_L[TDCR] = GSMRx_L[RDCR] = 0b10.
For synchronous communication, the internal clock is identical to the baud-rate output. To get the preferred
rate, select the system clock according to the following:
Table 17-3. Typical Baud Rates for Asynchronous Communication
Baud Rate
Using a 66-MHz BRG Input Clock
BRGC
x[DIV16]
BRGC
x[CD]
Actual Frequency (Hz)
75
1
3436
75.01
150
1
1718
149.98
300
1
858
300.13
600
1
429
599.56
1200
0
3436
1200.2
2400
0
1718
2399.7
4800
0
858
4802.1
9600
0
429
9593.0
19,200
0
214
19,186
38,400
0
106
38,551
57,600
0
71
57,292
115,200
0
35
114,583
460,000
0
8
458,333
Async Baud Rate
BRGCLK or External Clock Source
Prescale Divider
()
Clock Divider + 1
()
×
Sampling Rate
()
×
--------------------------------------------------------------------------------------------------------------------------------------------------
=
BRGCx[EXTC]
BRGCx[DIV16]
()
BRGCx[CD] + 1
()
×
GSMRx_L[xDCR]
()
×
----------------------------------------------------------------------------------------------------------------------------------------------------------
=
Sync Baud Rate
BRGCLK or External Clock Source
Prescale Divider
()
Clock Divider + 1
()
×
---------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com