Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 650 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 650 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 646Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 647Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 648Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 649Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 650Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 651Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 652Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 653Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 654Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 650 / 1386 page
background image
SDMA Channels and IDMA Emulation
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
19-4
Freescale Semiconductor
19.2.2
SDMA Mask Register (SDMR)
The SDMA mask register (SDMR) is an 8-bit read/write register with the same bit format as the SDMA
status register. If an SDMR bit is 1, the corresponding interrupt in SDSR is enabled. If the bit is zero, the
corresponding interrupt in the status register is masked. SDMR is cleared at reset. SDMR can be accessed
at 0x1101C.
19.2.3
SDMA Transfer Error Address Registers (PDTEA and LDTEA)
There are two 32-bit, read-only SDMA address registers. The PDTEA holds the system address accessed
during an SDMA transfer error on the 60x bus. The LDTEA holds the system address accessed during an
SDMA transfer error on the local/PCI bus. LDTEA is constantly updated with memory address of the local
bus access regardless of whether SDMA error on the local bus has occurred. The address value inside
LDTEA stops updating when SDSR[SBRE_L] is asserted. Both registers are undefined at reset. PDTEA
can be accessed at 0x10050; LDTEA can be accessed at 0x10058.
19.2.4
SDMA Transfer Error MSNUM Registers (PDTEM and LDTEM)
There are two SDMA transfer error MSNUM registers (PDTEM and LDTEM). MSNUM[0–4] contains
the sub-block code (SBC) used to identify the current peripheral controller accessing the bus. MSNUM[5]
identifies which half of the controller is transferring (transmitter or receiver). The MSNUM of each
transaction is held in these registers until the transaction is complete.
PDTEM is for SDMA transfer errors on the 60x bus, and LDTEM is for errors on the local/PCI bus. Both
registers are undefined at reset. See Figure 19-4.
Table 19-2 describes PDTEM and LDTEM fields.
012
7
Field
—
MSNUM 1
Reset
—
R/W
R
Addr
0x10054 (PDTEM); 0x1005C (LDTEM)
1 On .29µm (HiP3), Rev A.1 devices, MSNUM = [0–5]. For .25µm (HiP4) and all other .29µm devices, MSNUM = [2–6].
Figure 19-4. SDMA Transfer Error MSNUM Registers (PDTEM/LDTEM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com