Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 627 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 627 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 623Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 624Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 625Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 626Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 627Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 628Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 629Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 630Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 631Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 627 / 1386 page
background image
CPM Multiplexing
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
16-15
8–9
FC2
Defines the FCC2 connection.
00 FCC2 is not connected to the TSA and is either connected directly to the NMSIx pins or is not
used. The choice of general-purpose I/O port pins versus FCCn pins is made in the parallel I/O
control register.
01 FCC2 is connected to the TSA of the SIs. The NMSIx pins are available for other purposes.
10 FCC2 is connected to the TC layer (MPC8280 only). The NMSIx pins are available for other
purposes.
11 Reserved
10–12
RF2CS Receive FCC2 clock source (NMSI mode). Ignored if FCC2 is connected to the TSA (FC2 = 01).
000 FCC2 receive clock is BRG5.
001 FCC2 receive clock is BRG6.
010 FCC2 receive clock is BRG7.
011 FCC2 receive clock is BRG8.
100 FCC2 receive clock is CLK13.
101 FCC2 receive clock is CLK14.
110 FCC2 receive clock is CLK15.
111 FCC2 receive clock is CLK16.
13–15
TF2CS
Transmit FCC2 clock source (NMSI mode). Ignored if FCC2 is connected to the TSA (FC2 = 01).
000 FCC2 transmit clock is BRG5.
001 FCC2 transmit clock is BRG6.
010 FCC2 transmit clock is BRG7.
011 FCC2 transmit clock is BRG8.
100 FCC2 transmit clock is CLK13.
101 FCC2 transmit clock is CLK14.
110 FCC2 transmit clock is CLK15.
111 FCC2 transmit clock is CLK16.
16
—
Reserved, should be cleared
17
FC3
Defines the FCC3 connection
0 FCC3 is not connected to the TSA and is either connected directly to the NMSIx pins or is not
used. The choice of general-purpose I/O port pins versus FCCn pins is made in the parallel I/O
control register.
1 FCC3 is connected to the TSA of the SIs. The NMSIx pins are available for other purposes.
18–20
RF3CS Receive FCC3 clock source (NMSI mode). Ignored if FCC3 is connected to the TSA (FC3 = 1).
000 FCC3 receive clock is BRG5.
001 FCC3 receive clock is BRG6.
010 FCC3 receive clock is BRG7.
011 FCC3 receive clock is BRG8.
100 FCC3 receive clock is CLK13.
101 FCC3 receive clock is CLK14.
110 FCC3 receive clock is CLK15.
111 FCC3 receive clock is CLK16.
Table 16-5. CMXFCR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com