Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 626 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 626 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 622Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 623Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 624Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 625Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 626Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 627Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 628Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 629Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 630Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 626 / 1386 page
background image
CPM Multiplexing
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
16-14
Freescale Semiconductor
Table 16-5 describes CMXFCR fields.
0
1
2
4
5
7
8
9
10
12
13
15
Field
—
FC1
RF1CS
TF1CS
FC2
RF2CS
TF2CS
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x11B04
16
17
18
20
21
23
24
31
Field
—
FC3
RF3CS
TF3CS
—
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x11B06
Figure 16-10. CMX FCC Clock Route Register (CMXFCR)
Table 16-5. CMXFCR Field Descriptions
Bits
Name
Description
0
—
Reserved, should be cleared
1
FC1
Defines the FCC1 connection
0 FCC1 is not connected to the TSA and is either connected directly to the NMSIx pins or is not
used. The choice of general-purpose I/O port pins versus FCCn pins is made in the parallel I/O
control register.
1 FCC1 is connected to the TSA of the SIs. The NMSIx pins are available for other purposes.
2–4
RF1CS Receive FCC1 clock source (NMSI mode). Ignored if FCC1 is connected to the TSA (FC1 = 1).
000 FCC1 receive clock is BRG5.
001 FCC1 receive clock is BRG6.
010 FCC1 receive clock is BRG7.
011 FCC1 receive clock is BRG8.
100 FCC1 receive clock is CLK9.
101 FCC1 receive clock is CLK10.
110 FCC1 receive clock is CLK11.
111 FCC1 receive clock is CLK12.
5–7
TF1CS
Transmit FCC1 clock source (NMSI mode). Ignored if FCC1 is connected to the TSA (FC1 = 1).
000 FCC1 transmit clock is BRG5.
001 FCC1 transmit clock is BRG6.
010 FCC1 transmit clock is BRG7.
011 FCC1 transmit clock is BRG8.
100 FCC1 transmit clock is CLK9.
101 FCC1 transmit clock is CLK10.
110 FCC1 transmit clock is CLK11.
111 FCC1 transmit clock is CLK12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com