Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 625 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 625 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 621Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 622Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 623Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 624Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 625Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 626Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 627Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 628Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 629Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 625 / 1386 page
background image
CPM Multiplexing
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
16-13
16.4.3
CMX SI2 Clock Route Register (CMXSI2CR)
The CMX SI2 clock route register (CMXSI2CR), seen in Figure 16-9, defines the connection of SI2 to the
clock sources that can be input from the bank of clocks.
Table 16-4 describes CMXSI2CR fields.
16.4.4
CMX FCC Clock Route Register (CMXFCR)
The CMX FCC clock route register (CMXFCR), shown in Figure 16-10, defines the connection of the
FCCs to the TSA and to the clock sources from the bank of clocks.
01234567
Field
RTA2CS
RTB2CS
RTC2CS
RTD2CS
TTA2CS
TTB2CS
TTC2CS
TTD2CS
Reset
0000_0000
R/W
R/W
Addr
0x11B02
Figure 16-9. CMX SI2 Clock Route Register (CMXSI2CR)
Table 16-4. CMXSI2CR Field Descriptions
Bits
Name
Description
0
RTA2CS
Receive TDM A2 clock source
0 TDM A2 receive clock is CLK13.
1 TDM A2 receive clock is CLK5.
1
RTB2CS
Receive TDM B2 clock source
0 TDM B2 receive clock is CLK15.
1 TDM B2 receive clock is CLK17.
2
RTC2CS
Receive TDM C2 clock source
0 TDM C2 receive clock is CLK3.
1 TDM C2 receive clock is CLK17.
3
RTD2CS
Receive TDM D2 clock source
0 TDM D2 receive clock is CLK1.
1 TDM D2 receive clock is CLK19.
4
TTA2CS
Transmit TDM A2 clock source
0 TDM A2 transmit clock is CLK14.
1 TDM A2 transmit clock is CLK6.
5
TTB2CS
Transmit TDM B2 clock source
0 TDM B2 transmit clock is CLK16.
1 TDM B2 transmit clock is CLK18.
6
TTC2CS
Transmit TDM C2 clock source
0 TDM C2 transmit clock is CLK4.
1 TDM C2 transmit clock is CLK18.
7
TTD2CS
Transmit TDM D2 clock source
0 TDM D2 transmit clock is CLK2.
1 TDM D2 transmit clock is CLK20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com