Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 629 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 629 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 625Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 626Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 627Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 628Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 629Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 630Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 631Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 632Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 633Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 629 / 1386 page
background image
CPM Multiplexing
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
16-17
2–4
RS1CS Receive SCC1 clock source (NMSI mode). Ignored if SCC1 is connected to the TSA (SC1 = 1).
000 SCC1 receive clock is BRG1.
001 SCC1 receive clock is BRG2.
010 SCC1 receive clock is BRG3.
011 SCC1 receive clock is BRG4.
100 SCC1 receive clock is CLK11.
101 SCC1 receive clock is CLK12.
110 SCC1 receive clock is CLK3.
111 SCC1 receive clock is CLK4.
5–7
TS1CS
Transmit SCC1 clock source (NMSI mode). Ignored if SCC1 is connected to the TSA (SC1 = 1).
000 SCC1 transmit clock is BRG1.
001 SCC1 transmit clock is BRG2.
010 SCC1 transmit clock is BRG3.
011 SCC1 transmit clock is BRG4.
100 SCC1 transmit clock is CLK11.
101 SCC1 transmit clock is CLK12.
110 SCC1 transmit clock is CLK3.
111 SCC1 transmit clock is CLK4.
8
GR2
Grant support of SCC2
0 SCC2 transmitter does not support the grant mechanism. The grant is always asserted internally.
1 SCC2 transmitter supports the grant mechanism as determined by the GMx bit of a serial device
channel.
9
SC2
SCC2 connection
0 SCC2 is not connected to the TSA and is either connected directly to the NMSIx pins or is not
used. The choice of general-purpose I/O port pins versus SCCn pins is made in the parallel I/O
control register.
1 SCC2 is connected to TSA of the SIs. The NMSIx pins are available for other purposes.
10–12
RS2CS Receive SCC2 clock source (NMSI mode). Ignored if SCC2 is connected to the TSA (SC2 = 1).
000 SCC2 receive clock is BRG1.
001 SCC2 receive clock is BRG2.
010 SCC2 receive clock is BRG3.
011 SCC2 receive clock is BRG4.
100 SCC2 receive clock is CLK11.
101 SCC2 receive clock is CLK12.
110 SCC2 receive clock is CLK3.
111 SCC2 receive clock is CLK4.
13–15
TS2CS
Transmit SCC2 clock source (NMSI mode). Ignored if SCC2 is connected to the TSA (SC2 = 1).
000 SCC2 transmit clock is BRG1.
001 SCC2 transmit clock is BRG2.
010 SCC2 transmit clock is BRG3.
011 SCC2 transmit clock is BRG4.
100 SCC2 transmit clock is CLK11.
101 SCC2 transmit clock is CLK12.
110 SCC2 transmit clock is CLK3.
111 SCC2 transmit clock is CLK4.
16
GR3
Grant support of SCC3
0 SCC3 transmitter does not support the grant mechanism. The grant is always asserted internally.
1 SCC3 transmitter supports the grant mechanism as determined by the GMx bit of a serial device
channel.
Table 16-6. CMXSCR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com