Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 615 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 615 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 611Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 612Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 613Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 614Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 615Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 616Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 617Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 618Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 619Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 615 / 1386 page
background image
CPM Multiplexing
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
16-3
•
FCC2 can also be connected also to the TC layer (MPC8280 only).
•
Each SCC can have its own set of modem control pins.
•
Each SMC can have its own set of four pins.
•
Each FCC, SCC, and SMC can be driven from a bank of twenty clock pins or a bank of eight BRGs.
The multiple-PHY addressing selection supports the following options for FCC1 and FCC2:
•
In master mode:
— FCC1 connect up to 31 PHYs and FCC2 connect up to 31 PHYs.
— FCC1 connect up to 15 PHYs and FCC2 connect up to 15 PHYs.
— FCC1 connect up to 7 PHYs and FCC2 connect up to 31 PHYs.
•
In slave mode:
— FCC1 connect up to 31 PHYs and FCC2 connect to 0 PHYs.
— FCC1 connect up to 15 PHYs and FCC2 connect up to 1 PHYs.
— FCC1 connect up to 7 PHYs and FCC2 connect up to 3 PHYs.
— FCC1 connect up to 3 PHYs and FCC2 connect up to 7 PHYs.
— FCC1 connect up to 1 PHYs and FCC2 connect up to 15 PHYs.
— FCC1 connect to 0 PHYs and FCC2 connect up to 31 PHYs.
16.2
Enabling Connections to TSA or NMSI
Each serial device can be independently enabled to connect to the TSA or to dedicated external pins, as
shown in Figure 16-2. Each FCC can be connected to a dedicated MII or to the eight TDMs. FCC1 can
also be connected to an 8- or 16-bit UTOPIA level-2 interface. FCC2 can also be connected to an 8-bit
UTOPIA level-2 interface. Each SCC or SMC can be connected to the eight TDMs or to its own set of
pins. Once connections are made to the TSA, the exact routing decisions are made in the SIx RAMs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com