Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 757 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 757 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 753Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 754Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 755Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 756Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 757Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 758Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 759Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 760Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 761Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 757 / 1386 page
background image
SCC BISYNC Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
23-3
23.3
SCC BISYNC Channel Frame Reception
Although the receiver is designed to work with almost no core intervention, the user can intervene on a
per-byte basis if necessary. The receiver performs CRC16, longitudinal (LRC) or vertical redundancy
(VRC) checking, sync stripping in normal mode, DLE-sync stripping, stripping of the first DLE in
DLE-DLE pairs in transparent mode, and control character recognition. Control characters are discussed
in Section 23.6, “SCC BISYNC Control Character Recognition.”
When enabled, the receiver enters hunt mode where the data is shifted into the receiver shift register one
bit at a time and the contents of the shift register are compared to the contents of DSR[SYN1, SYN2]. If
the two are unequal, the next bit is shifted in and the comparison is repeated. When registers match, hunt
mode is terminated and character assembly begins. The controller is character-synchronized and performs
SYNC stripping and message reception. It reverts to hunt mode when it receives an ENTER HUNT MODE
command, an error condition, or an appropriate control character.
When receiving data, the controller updates the CR bit in the BD for each byte transferred. When the buffer
is full, the controller clears the E bit in the BD and generates an interrupt if the I bit in the BD is set. If
incoming data exceeds the buffer length, the controller fetches the next BD; if E is zero, reception
continues to its buffer.
When a BCS is received, it is checked and written to the buffer. The BISYNC controller sets the last bit,
writes the message status bits into the BD, clears the E bit, and then generates a maskable interrupt,
indicating that a block of data was received and is in memory. The BCS calculations do not include SYNCs
(in nontransparent mode) or DLE-SYNC pairs (in transparent mode).
Note that GSMR_H[RFW] should be set for an 8-bit-wide receive FIFO for the BISYNC receiver. See
Section 20.1.1, “The General SCC Mode Registers (GSMR1–GSMR4).”
23.4
SCC BISYNC Parameter RAM
For BISYNC mode, the protocol-specific area of the SCC parameter RAM is mapped as in Table 23-1.
Table 23-1. SCC BISYNC Parameter RAM Memory Map
Offset 1
Name
Width
Description
0x30
—
Word
Reserved
0x34
CRCC
Word
CRC constant temp value.
0x38
PRCRC
Hword Preset receiver/transmitter CRC16/LRC. These values should be preset to all
ones or zeros, depending on the BCS used.
0x3A
PTCRC
Hword
0x3C
PAREC
Hword Receive parity error counter. This 16-bit (modulo 2
16
) counter maintained by the
CP counts parity errors on receive if the parity feature of BISYNC is enabled.
Initialize PAREC while the channel is disabled.
0x3E
BSYNC
Hword BISYNC SYNC register. Contains the value of the SYNC to be sent as the second
byte of a DLE–SYNC pair in an underrun condition and stripped from incoming
data on receive once the receiver synchronizes to the data using the DSR and
SYN1–SYN2 pair. See Section 23.7, “BISYNC SYNC Register (BSYNC).”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com