Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 758 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 758 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 754Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 755Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 756Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 757Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 758Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 759Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 760Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 761Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 762Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 758 / 1386 page
background image
SCC BISYNC Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
23-4
Freescale Semiconductor
GSMR[MODE] determines the protocol for each SCC. The SYN1–SYN2 synchronization characters are
programmed in the DSR (see Section 20.1.3, “Data Synchronization Register (DSR).”) The BISYNC
controller uses the same basic data structure as other modes; receive and transmit errors are reported
through their respective BDs. There are two basic ways to handle BISYNC channels:
•
The controller inspects the data on a per-byte basis and interrupts the core each time a byte is
received.
•
The controller can be programmed so software handles the first two or three bytes. The controller
directly handles subsequent data without interrupting the core.
23.5
SCC BISYNC Commands
Transmit and receive commands are issued to the CP command register (CPCR). Transmit commands are
described in Table 23-2.
0x40
BDLE
Hword BISYNC DLE register. Contains the value to be sent as the first byte of a
DLE–SYNC pair and stripped on receive. See Section 23.8, “SCC BISYNC DLE
Register (BDLE).”
0x42
CHARACTER1
Hword Control character 1–8. These values represent control characters that the
BISYNC controller recognizes. See Section 23.6, “SCC BISYNC Control
Character Recognition.”
0x44
CHARACTER2
Hword
0x46
CHARACTER3
Hword
0x48
CHARACTER4
Hword
0x4A
CHARACTER5
Hword
0x4C
CHARACTER6
Hword
0x4E
CHARACTER7
Hword
0x50
CHARACTER8
Hword
0x52
RCCM
Hword Receive control character mask. Masks CHARACTER
n comparison so control
character classes can be defined. Setting a bit enables and clearing a bit masks
comparison. See Section 23.6, “SCC BISYNC Control Character Recognition.”
1 From SCCx base address. See Section 20.3.1, “SCC Base Addresses.”
Table 23-1. SCC BISYNC Parameter RAM Memory Map (continued)
Offset 1
Name
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com