Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 762 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 762 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 758Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 759Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 760Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 761Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 762Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 763Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 764Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 765Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 766Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 762 / 1386 page
background image
SCC BISYNC Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
23-8
Freescale Semiconductor
Table 23-5 describes BSYNC fields.
23.8
SCC BISYNC DLE Register (BDLE)
Seen in Figure 23-4, the BDLE register is used to define the BISYNC stripping and insertion of DLE
characters. When an underrun occurs while a message is being sent in transparent mode, the BISYNC
controller inserts DLE-SYNC pairs until the next buffer is available for transmission.
In transparent mode, the receiver discards any DLE character received and excludes it from the BCS if the
valid bit (BDLE[V]) is set. If the second character is SYNC, the controller discards it and excludes it from
the BCS. If it is a DLE, the controller writes it to the buffer and includes it in the BCS. If it is not a DLE
or SYNC, the controller examines the control character table and acts accordingly. If the character is not
in the table, the buffer is closed with the DLE follow character error bit set. If the valid bit is not set, the
receiver treats the character as a normal character. When using 7-bit characters with parity, the parity bit
should be included in the DLE register value.
Table 23-5. BSYNC Field Descriptions
Bits
Name
Description
0
V
Valid. If V = 1 and the receiver is not in hunt mode when a SYNC character is received, this character
is discarded.
1
DIS
Disable BSYNC stripping
0 Normal mode.
1 BSYNC stripping disabled (BISYNC transparent mode only).
2–7
—
All zeros
8–15
SYNC
SYNC character
01
23
45
67
8
15
Field
V
DIS
0
00
00
0
DLE
Reset
Undefined
R/W
R/W
Addr
SCC Base + 0x40
Figure 23-4. BISYNC DLE (BDLE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com