Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 764 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 764 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 760Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 761Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 762Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 763Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 764Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 765Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 766Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 767Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 768Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 764 / 1386 page
background image
SCC BISYNC Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
23-10
Freescale Semiconductor
Table 23-9 describes receive errors.
23.11 BISYNC Mode Register (PSMR)
The PSMR is used as the BISYNC mode register, shown in Figure 23-5. PSMR[RBCS, RTR, RPM, TPM]
can be modified on-the-fly.
Table 23-8. Transmit Errors
Error
Description
Transmitter
Underrun
The channel stops sending the buffer, closes it, sets TxBD[UN], and generates aTXE interrupt if it
is enabled. The channel resumes transmission after a RESTART TRANSMIT command is received.
Underrun cannot occur between frames or during a DLE–
XXX pair in transparent mode.
CTS Lost during
Message
Transmission
The channel stops sending the buffer, closes it, sets TxBD[CT], and generates a TXE interrupt if not
masked. Transmission resumes when a RESTART TRANSMIT command is received.
Table 23-9. Receive Errors
Error
Description
Overrun
The controller maintains a receiver FIFO for receiving data. The CP begins programming the SDMA
channel (if the buffer is in external memory) and updating the CRC when the first byte is received in
the Rx FIFO. If an Rx FIFO overrun occurs, the controller writes the received byte over the previously
received byte. The previous character and its status bits are lost. The channel then closes the buffer,
sets RxBD[OV], and generates the RXB interrupt if it is enabled. Finally, the receiver enters hunt
mode.
CD Lost during
Message
Reception
The channel stops receiving, closes the buffer, sets RxBD[CD], and generates the RXB interrupt if
not masked. This error has the highest priority. If the rest of the message is lost, no other errors are
checked in the message. The receiver immediately enters hunt mode.
Parity
The channel writes the received character to the buffer and sets RxBD[PR]. The channel stops
receiving, closes the buffer, sets RxBD[PR], and generates the RXB interrupt if it is enabled. The
channel also increments PAREC and the receiver immediately enters hunt mode.
CRC
The channel updates the CR bit in the BD every time a character is received with a byte delay of
eight serial clocks between the status update and the CRC calculation. When control character
recognition is used to detect the end of the block and cause CRC checking, the channel closes the
buffer, sets the CR bit in the BD, and generates the RXB interrupt if it is enabled.
0
3
4
5
6
7
8
9
10
11
12
13
14
15
Field
NOS
CRC
RBCS RTR
RVD
DRT
—
RPM
TPM
Reset
0
R/W
R/W
Addr
0x11A08 (PSMR1); 0x11A28 (PSMR2); 0x11A48 (PSMR3); 0x11A68 (PSMR4)
Figure 23-5. Protocol-Specific Mode Register for BISYNC (PSMR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com