Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 765 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 765 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 761Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 762Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 763Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 764Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 765Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 766Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 767Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 768Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 769Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 765 / 1386 page
background image
SCC BISYNC Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
23-11
Table 23-10 describes PSMR fields.
Table 23-10. PSMR Field Descriptions
Bits
Name
Description
0–3
NOS
Minimum number of SYN1–SYN2 pairs (defined in DSR) sent between or before messages.If NOS
= 0000, one pair is sent. If NOS = 1111, 16 pairs are sent. The entire pair is always sent, regardless
of how GSMR[SYNL) is set. NOS can be modified on-the-fly.
4–5
CRC
CRC selection.
x0 Reserved.
01 CRC16 (BISYNC). X16 + X15 + X2 + 1. PRCRC and PTCRC should be initialized to all zeros or
all ones before the channel is enabled. In either case, the transmitter sends the calculated CRC
noninverted and the receiver checks the CRC against zero. Eight-bit data characters (without
parity) are configured when CRC16 is chosen.
11 LRC (sum check). (BISYNC). For even LRC, initialize PRCRC and PTCRC to zeros before the
channel is enabled; for odd LRC, they should be initialized to ones.
Note that the receiver checks character parity when BCS is programmed to LRC and the receiver
is not in transparent mode. The transmitter sends character parity when BCS is programmed to
LRC and the transmitter is not in transparent mode. Use of parity in BISYNC assumes that 7-bit
data characters are being used.
6
RBCS
Receive BCS. The receiver internally stores two BCS calculations separated by an eight serial clock
delay to allow examination of a received byte to determine whether it should used in BCS
calculation.
0 Disable receive BCS.
1 Enable receive BCS. Should be set (or reset) within the time taken to receive the following data
byte. When RBCS is reset, BCS calculations exclude the latest fully received data byte. When
RBCS is set, BCS calculations continue as normal.
7
RTR
Receiver transparent mode.
0 Normal receiver mode with SYNC stripping and control character recognition.
1 Transparent receiver mode. SYNCs, DLEs, and control characters are recognized only after a
leading DLE character. The receiver calculates the CRC16 sequence even if it is programmed to
LRC while in transparent mode. Initialize PRCRC to the CRC16 preset value before setting RTR.
8
RVD
Reverse data.
0 Normal operation.
1 Any portion of this SCC defined to operate in BISYNC mode operates by reversing the character
bit order and sending the msb first.
9
DRT
Disable receiver while sending. DRT should not be set for typical BISYNC operation.
0 Normal operation.
1 As the SCC sends data, the receiver is disabled and gated by the internal RTS signal. This helps
if the BISYNC channel is being configured onto a multidrop line and the user does not want to
receive its own transmission. Although BISYNC usually uses a half-duplex protocol, the receiver
is not actually disabled during transmission.
Note: If DRT = 1, GSMR_H[CDS] should be cleared unless both of the following are true: the same
clock is used for TCLK and RCLK, and CTS either has synchronous timing or is always
asserted.
10–11
—
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com